Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD77210 Datasheet (PDF) - Renesas Technology Corp

UPD77210 Datasheet PDF - Renesas Technology Corp
Part # UPD77210
Download  UPD77210 Download
File Size   574.46 Kbytes
Page   76 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS INTEGRATED CIRCUIT

UPD77210 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD77210 Datasheet PDF - Renesas Technology Corp

Part # UPD77210
Download  UPD77210 Click to download

File Size   574.46 Kbytes
Page   76 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS INTEGRATED CIRCUIT

UPD77210 Datasheet (HTML) - Renesas Technology Corp


UPD77210 Product details

FEATURES
• Instruction cycle (operating clock):
UPD77210 6.25 ns MIN. (160 MHz MAX.)
UPD77213 8.33 ns MIN. (120 MHz MAX.)
• Memory
-Internal instruction memory:
UPD77210 :RAM 31.5 Kwords x 32 bits
UPD77213 :RAM 15.5 Kwords x 32 bits
ROM 64 Kwords x 32 bits
-Data memory:
UPD77210 :RAM 30 Kwords x 16 bits x 2 planes (X and Y data memories)
External memory space 1 Mwords x 16 bits (common to X and Y data memories)
UPD77213 :RAM 18 Kwords x 16 bits x 2 planes (X and Y data memories)
ROM 32 Kwords x 16 bits x 2 planes (X and Y data memories)
External memory space 1 Mwords x 16 bits (common to X and Y data memories)
• Peripheral
-Audio serial interface: 1 channel
-Time-division serial interface: 1 channel
-16-bit host interface: 1 channel
-16-bit general-purpose port
-16-bit timer: 2 channels
-Peripheral-memory DMA transfer function
-SD (Secure Digital) card interface
:UPD77213 only




Similar Part No. - UPD77210

ManufacturerPart #DatasheetDescription
logo
NEC
UPD77210 NEC-UPD77210 Datasheet
467Kb / 74P
16-BIT FIXED-POINT DIGITAL SIGNAL PROCESSOR
UPD77210F1-DA2 NEC-UPD77210F1-DA2 Datasheet
467Kb / 74P
16-BIT FIXED-POINT DIGITAL SIGNAL PROCESSOR
UPD77210GJ-8EN NEC-UPD77210GJ-8EN Datasheet
467Kb / 74P
16-BIT FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results


Similar Description - UPD77210

ManufacturerPart #DatasheetDescription
logo
NEC
UPD720122 NEC-UPD720122 Datasheet
650Kb / 82P
MOS Integrated Circuit
UPD720110 NEC-UPD720110 Datasheet
405Kb / 32P
MOS INTEGRATED CIRCUIT
UPD703130 NEC-UPD703130 Datasheet
601Kb / 72P
MOS INTEGRATED CIRCUIT
UPD16874 NEC-UPD16874 Datasheet
218Kb / 19P
MOS INTEGRATED CIRCUIT
UPD16601 NEC-UPD16601 Datasheet
98Kb / 13P
MOS Integrated Circuit
UPD65881GB-P02 NEC-UPD65881GB-P02 Datasheet
76Kb / 8P
MOS Integrated Circuit
UPD121W18AT1F NEC-UPD121W18AT1F Datasheet
265Kb / 16P
MOS INTEGRATED CIRCUIT
UPD121A10 NEC-UPD121A10 Datasheet
214Kb / 10P
MOS INTEGRATED CIRCUIT
logo
Renesas Technology Corp
UPD166021T1F RENESAS-UPD166021T1F Datasheet
382Kb / 25P
MOS INTEGRATED CIRCUIT
PD166105GS RENESAS-PD166105GS_15 Datasheet
134Kb / 17P
MOS INTEGRATED CIRCUIT
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com