Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD168002 Datasheet (PDF) - NEC

UPD168002 Datasheet PDF - NEC
Part # UPD168002
Download  UPD168002 Download
File Size   186.59 Kbytes
Page   15 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description MONOLITHIC 6-CHANNEL H-BRIDGE DRIVER

UPD168002 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD168002 Datasheet PDF - NEC

Part # UPD168002
Download  UPD168002 Click to download

File Size   186.59 Kbytes
Page   15 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description MONOLITHIC 6-CHANNEL H-BRIDGE DRIVER

UPD168002 Datasheet (HTML) - NEC


UPD168002 Product details

DESCRIPTION
The µ PD168002 is a monolithic 6-channel H-bridge driver that consists of a CMOS control circuit and a MOS output stage. It can reduce the current consumption and the voltage loss at the output stage compared with conventional driver using bipolar transistors, thanks to employment of a MOS process. The µ PD168002 employs P-channel MOS FET in the output stage, and is eliminated the charge pump circuit. Therefore, the circuit current consumption during operation can be significantly reduced.

FEATURES
• Six H-bridge circuits employing power MOS FET
• Low current consumption due to elimination of charge pump circuit
• Input logic frequency: 100 kHz supported
• 3 V power supply supported for logic
    Minimum operating supply voltage: 2.7 V
• 5 V, 10 V power supply supported for motor
    ch1, ch2, ch5 and ch6: 10 V driving
    ch3 and ch4: 5 V driving
• Undervoltage lockout circuit
    Shuts down the internal circuit at VDD = 1.7 V TYP.
• Overheat protection circuit
• 48-pin TQFP (□7 mm)




Similar Part No. - UPD168002

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD168002 RENESAS-UPD168002 Datasheet
280Kb / 17P
MOS INTEGRATED CIRCUIT
2002
UPD168002GA-9EU RENESAS-UPD168002GA-9EU Datasheet
280Kb / 17P
MOS INTEGRATED CIRCUIT
2002
More results


Similar Description - UPD168002

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16804 NEC-UPD16804 Datasheet
87Kb / 12P
MONOLITHIC H BRIDGE DRIVER CIRCUIT
UPD16805 NEC-UPD16805 Datasheet
85Kb / 12P
MONOLITHIC H BRIDGE DRIVER CIRCUIT
UPD16823 NEC-UPD16823 Datasheet
71Kb / 8P
MONOLITHIC H BRIDGE DRIVER
UPD16857 NEC-UPD16857 Datasheet
78Kb / 16P
MONOLITHIC 6 channel H-BRIDGE DRIVER
UPD168102 NEC-UPD168102 Datasheet
185Kb / 16P
MONOLITHIC 6-CHANNEL H BRIDGE DRIVER
UPD168302 NEC-UPD168302 Datasheet
86Kb / 12P
MONOLITHIC 2CH H-BRIDGE DRIVER
logo
Renesas Technology Corp
PD16805 RENESAS-PD16805_15 Datasheet
254Kb / 18P
MONOLITHIC H BRIDGE DRIVER CIRCUIT
PD16823 RENESAS-PD16823_15 Datasheet
185Kb / 10P
MONOLITHIC H BRIDGE DRIVER
PD168002 RENESAS-PD168002_15 Datasheet
281Kb / 17P
MONOLITHIC 6-CHANNEL H-BRIDGE DRIVER
PD168302 RENESAS-PD168302_15 Datasheet
223Kb / 14P
MONOLITHIC 2CH H-BRIDGE DRIVER
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com