Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OB2269CP Datasheet (PDF) - Lite-On Technology Corporation

OB2269CP Datasheet PDF - Lite-On Technology Corporation
Part # OB2269CP
Download  OB2269CP Download
File Size   254.13 Kbytes
Page   12 Pages
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation
Description Current Mode PWM Controller

OB2269CP Datasheet (PDF)

Go To PDF Page Download Datasheet
OB2269CP Datasheet PDF - Lite-On Technology Corporation

Part # OB2269CP
Download  OB2269CP Click to download

File Size   254.13 Kbytes
Page   12 Pages
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation
Description Current Mode PWM Controller

OB2269CP Datasheet (HTML) - Lite-On Technology Corporation


OB2269CP Product details

GENERAL DESCRIPTION
OB2268/9 is a highly integrated current mode PWM control IC optimized for high performance, low standby power and cost effective offline flyback converter applications in above 20W power level.
PWM switching frequency at normal operation is externally programmable and trimmed to tight range. At no load or light load condition, the IC operates in extended ‘burst mode’ to minimize switching loss. Lower standby power and higher conversion efficiency is thus achieved.

FEATURES
■ Extended Burst Mode Control For Improved
   Efficiency and Minimum Standby Power Design
■ Audio Noise Free Operation
■ External Programmable PWM Switching
   Frequency
■ Internal Synchronized Slope Compensation
■ Low VIN/VDD Startup Current(4uA) and Low
   Operating Current (2.3mA)
■ Leading Edge Blanking on Current Sense Input
■ Complete Protection Coverage With Auto Self
   Recovery
   o External Programmable Over Temperature
      Protection (OTP)
   o With or Without On-chip VDD OVP for
      Output Over Voltage Protection.
   o Under Voltage Lockout with Hysteresis
      (UVLO)
   o Gate Output Maximum Voltage Clamp (18V)
   o Line Compensated Cycle-by-Cycle Over
      current Threshold Setting For Constant Output
      Current Limiting Over Universal Input Voltage
      Range (OCP)
   o Over Load Protection. (OLP)
■ On-Bright Proprietary Frequency Shuffling
   Technology for Improved EMI Performance
   (OB2269 only)

APPLICATIONS
Offline AC/DC flyback converter for
■ Laptop Power Adaptor
■ PC/TV/Set-Top Box Power Supplies
■ Open-frame SMPS
■ Battery Charger




Similar Part No. - OB2269CP

ManufacturerPart #DatasheetDescription
logo
SYC Electronica
OB2269 SYC-OB2269 Datasheet
286Kb / 12P
PWM CONTROLL CURRENT MODE SMD
More results


Similar Description - OB2269CP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
Current-mode PWM controller
August 31, 1994
logo
Texas Instruments
UC1843 TI-UC1843 Datasheet
937Kb / 3P
Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
CURRENT MODE PWM CONTROLLER
logo
Linear Dimensions Semic...
LND3842 LINEAR_DIMENSIONS-LND3842 Datasheet
158Kb / 10P
Current Mode PWM Controller
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
CURRENT MODE PWM CONTROLLER
UC3844Y TI1-UC3844Y Datasheet
708Kb / 28P
CURRENT MODE PWM CONTROLLER
UC3845D-8 TI-UC3845D-8 Datasheet
693Kb / 28P
CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
Current Mode PWM Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com