Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8202 Datasheet (PDF) - Richtek Technology Corporation

RT8202 Datasheet PDF - Richtek Technology Corporation
Part # RT8202
Download  RT8202 Download
File Size   34.86 Kbytes
Page   2 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description The ESD tests are used to classify the electrostatic discharge of microcircuits.

RT8202 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT8202 Datasheet PDF - Richtek Technology Corporation

Part # RT8202
Download  RT8202 Click to download

File Size   34.86 Kbytes
Page   2 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description The ESD tests are used to classify the electrostatic discharge of microcircuits.

RT8202 Datasheet (HTML) - Richtek Technology Corporation


RT8202 Product details

General Description
The RT8202/A/B PWM controller provides high efficiency, excellent transient response, and high DC output accuracy needed for stepping down high voltage batteries to generate low voltage CPU core, I/O, and chipset RAM supplies in notebook computers.

Features
● Ultra-High Efficiency
● Resistor Programmable Current Limit by Low Side
   RDS(ON) Sense (Lossless Limit) or Sense Resistor
   (High Accuracy)
● Quick Load Step Response within 100ns
● 1% VOUT Accuracy over Line and Load
● Adjustable 0.75V to 3.3V Output Range
● 4.5V to 26V Battery Input Range
● Resistor Programmable Frequency
● Over/Under Voltage Protection
● 2 Steps Current Limit During Soft-Start
● Drives Large Synchronous-Rectifier FETs
● Power Good Indicator
● RoHS Compliant and 100% Lead (Pb)-Free

Applications
● Notebook Computers
● CPU Core Supply
● Chipset/RAM Supply as Low as 0.75V




Similar Part No. - RT8202

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8204A RICHTEK-RT8204A Datasheet
405Kb / 19P
Single Synchronous Buck with LDO Controller
RT8204AGQW RICHTEK-RT8204AGQW Datasheet
405Kb / 19P
Single Synchronous Buck with LDO Controller
RT8205 RICHTEK-RT8205 Datasheet
497Kb / 28P
High Efficiency, Main Power Supply Controllers for Notebook Computers
RT8205A RICHTEK-RT8205A Datasheet
497Kb / 28P
High Efficiency, Main Power Supply Controllers for Notebook Computers
RT8205AGQW RICHTEK-RT8205AGQW Datasheet
497Kb / 28P
High Efficiency, Main Power Supply Controllers for Notebook Computers
More results


Similar Description - RT8202

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
ESD05V88D-LC SOCAY-ESD05V88D-LC Datasheet
714Kb / 6P
Electrostatic Discharge Protection Devices (ESD)
logo
List of Unclassifed Man...
TCS37717FN ETC2-TCS37717FN Datasheet
1Mb / 48P
The benefits and features of the TCS3771 are listed below
logo
STMicroelectronics
AN2021 STMICROELECTRONICS-AN2021 Datasheet
880Kb / 39P
The ST10F272B and ST10F272E are members of the STMicroelectronics
24-Sep-2013
AN2168 STMICROELECTRONICS-AN2168 Datasheet
201Kb / 15P
The ST10F27x MCUs are derivatives of the STMicroelectronics
24-Sep-2013
logo
Pan Jit International I...
PJESD6V2LC-4-AU PANJIT-PJESD6V2LC-4-AU Datasheet
148Kb / 6P
Based on the electrostatic discharge immunity test
logo
Suntan Capacitors
BZX55C SUNTAN-BZX55C Datasheet
116Kb / 4P
The Zener voltages are graded according to the
logo
TE Connectivity Ltd
108-2086 TEC-108-2086 Datasheet
91Kb / 6P
When tests are performed on the subject product line, procedures specified in Figure 1 shall be used.
logo
PHOENIX CONTACT
SF-ASD-21 PHOENIX-SF-ASD-21 Datasheet
50Kb / 3P
Integrated LEDs are used to illuminate the working area
SF-ASD-21-SET-230V PHOENIX-SF-ASD-21-SET-230V Datasheet
54Kb / 3P
Integrated LEDs are used to illuminate the working area
logo
Richtek Technology Corp...
RT9025 RICHTEK-RT9025 Datasheet
34Kb / 2P
The ESD tests are used to classify the electrostatic discharge of microcircuits.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com