Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8204A Datasheet (PDF) - Richtek Technology Corporation

RT8204A Datasheet PDF - Richtek Technology Corporation
Part # RT8204A
Download  RT8204A Download
File Size   405.38 Kbytes
Page   19 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Single Synchronous Buck with LDO Controller

RT8204A Datasheet (PDF)

Go To PDF Page Download Datasheet
RT8204A Datasheet PDF - Richtek Technology Corporation

Part # RT8204A
Download  RT8204A Click to download

File Size   405.38 Kbytes
Page   19 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Single Synchronous Buck with LDO Controller

RT8204A Datasheet (HTML) - Richtek Technology Corporation


RT8204A Product details

General Description

The RT8204A PWM controller provides the high efficiency, excellent transient response, and high DC output accuracy needed for stepping down high voltage batteries to generate low voltage CPU core, I/O, and chipset RAM supplies in notebook computers.

The constant-on-time PWM control scheme handles wide input/output voltage ratios with ease and provides 100ns “instant-on” response to load transients while maintaining a relatively constant switching frequency.



Features

• PWM Controller

   ► Ultra-High Efficiency

   ► Resistor Programmable Current Limit by Low Side

   ►  RDS(ON) Sense (Lossless Limit) or Sense Resistor

   ►  (High Accuracy)

   ► Quick Load Step Response within 100ns

   ► 1% VOUT Accuracy Over Line and Load

   ► Adjustable 0.75V to 3.3V Output Range

   ► 3V to 26V Battery Input Range

   ► Resistor Programmable Frequency

   ► Over/Under Voltage Protection

   ► 2 Steps Current Limit During Soft-Start

   ► Drives Large Synchronous-Rectifier FETs

   ► Power Good Indicator

• LDO Controller

   ► 1.5% Accuracy Over Line and Load

   ► Adjustabe Output Voltage down to 0.75V

   ► Independent Enable and Power Good Indicator

   ► Drive N-MOSFETs within Rail to Rail Controller Voltage

   ► MLCC and POSCAP Stable

• RoHS Compliant and 100% Lead (Pb)-Free



Applications

• Notebook Computers

• CPU Core Supply

• Chipset/RAM Supply as Low as 0.75V



 




Similar Part No. - RT8204A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8202 RICHTEK-RT8202 Datasheet
34Kb / 2P
The ESD tests are used to classify the electrostatic discharge of microcircuits.
RT8202A RICHTEK-RT8202A Datasheet
34Kb / 2P
The ESD tests are used to classify the electrostatic discharge of microcircuits.
RT8202B RICHTEK-RT8202B Datasheet
34Kb / 2P
The ESD tests are used to classify the electrostatic discharge of microcircuits.
RT8205 RICHTEK-RT8205 Datasheet
497Kb / 28P
High Efficiency, Main Power Supply Controllers for Notebook Computers
RT8205A RICHTEK-RT8205A Datasheet
497Kb / 28P
High Efficiency, Main Power Supply Controllers for Notebook Computers
More results


Similar Description - RT8204A

ManufacturerPart #DatasheetDescription
logo
UNISEM
US3004 UNISEM-US3004 Datasheet
99Kb / 14P
5 BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC WITH DUAL LDO CONTROLLER
logo
Texas Instruments
TPS5130 TI-TPS5130 Datasheet
314Kb / 28P
TRIPLE SYNCHRONOUS BUCK CONTROLLER WITH NMOS LDO CONTROLLER
logo
International Rectifier
IRU3004 IRF-IRU3004 Datasheet
104Kb / 17P
5-BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC WITH DUAL LDO CONTROLLER
IRU3027 IRF-IRU3027 Datasheet
66Kb / 10P
5-BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC WITH TRIPLE LDO CONTROLLER
logo
Fairchild Semiconductor
FAN5099 FAIRCHILD-FAN5099_08 Datasheet
928Kb / 24P
Wide Frequency Synchronous Buck PW & LDO Controller
logo
Texas Instruments
TPS5130-Q1 TI1-TPS5130-Q1 Datasheet
564Kb / 31P
TRIPLE SYNCHRONOUS BUCK CONTROLLER WITH NMOS LDO CONTROLLER
TPS5110 TI-TPS5110_15 Datasheet
988Kb / 45P
SYNCHRONOUS-BUCK PWM CONTROLLER WITH NMOS LDO CONTROLLER
TPS5130-Q1 TI-TPS5130-Q1_15 Datasheet
1,011Kb / 34P
TRIPLE SYNCHRONOUS BUCK CONTROLLER WITH NMOS LDO CONTROLLER
TPS5110 TI1-TPS5110_16 Datasheet
941Kb / 43P
SYNCHRONOUS-BUCK PWM CONTROLLER WITH NMOS LDO CONTROLLER
logo
Richtek Technology Corp...
RT8209A RICHTEK-RT8209A Datasheet
336Kb / 18P
Single Synchronous Buck Controller
January 2014
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com