Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8207MZQW Datasheet (PDF) - Richtek Technology Corporation

RT8207MZQW Datasheet PDF - Richtek Technology Corporation
Part # RT8207MZQW
Download  RT8207MZQW Download
File Size   342.81 Kbytes
Page   27 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Complete DDRII/DDRIII/Low-Power DDRIII/DDRIV Memory Power Supply Controller

RT8207MZQW Datasheet (PDF)

Go To PDF Page Download Datasheet
RT8207MZQW Datasheet PDF - Richtek Technology Corporation

Part # RT8207MZQW
Download  RT8207MZQW Click to download

File Size   342.81 Kbytes
Page   27 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Complete DDRII/DDRIII/Low-Power DDRIII/DDRIV Memory Power Supply Controller

RT8207MZQW Datasheet (HTML) - Richtek Technology Corporation


RT8207MZQW Product details

General Description
The RT8207L/M provides a complete power supply for both DDRII/DDRIII/Low-Power DDRIII/DDRIV memory systems. It integrates a synchronous PWM buck controller with a 1.5A sink/source tracking linear regulator and buffered low noise reference.

Features
● PWM Controller
   ► Resistor Programmable Current Limit by Low Side
      RDS(ON) Sense
   ► Quick Load Step Response Within 100ns
   ► 1% VVDDQ Accuracy Over Line and Load
   ► Fixed 1.8V (DDRII), 1.5V (DDRIII) or Adjustable
      0.75V to 3.3V Output Range for 1.35V (Low-Power
      DDRIII) and 1.2V (DDRIV)
   ► 4.5V to 26V Battery Input Range
   ► Resistor Programmable Frequency
   ► Over/Under Voltage Protection
   ► Internal Current Limit Ramp Soft-Start
   ► Drives Large Synchronous-Rectifier FETs
   ► Power Good Indicator
● 1.5A LDO (VTT), Buffered Reference (VTTREF)
   ► Capable to Sink and Source 1.5A
   ► External Input Available to Minimize Power Losses
   ► Integrated Divider Tracks 1/2 VDDQ for Both VTT
      and VTTREF
   ► Buffered Low Noise 10mA VTTREF Output
   ► Remote Sensing (VTTSNS)
   ► ±20mV Accuracy for Both VTTREF and VTT
   ► Supports High-Z in S3 and Soft-Off in S4/S5
● RoHS Compliant and Halogen Free

Applications
● DDRI/II/III/Low-Power DDRIII/DDRIV Memory Power Supplies
● Notebook Computers
● SSTL18, SSTL15 and HSTL Bus Termination




Similar Part No. - RT8207MZQW

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8207 RICHTEK-RT8207 Datasheet
363Kb / 22P
Complete DDRII/DDRIII Memory Power Supply Controller
RT8207GQW RICHTEK-RT8207GQW Datasheet
363Kb / 22P
Complete DDRII/DDRIII Memory Power Supply Controller
RT8207P RICHTEK-RT8207P Datasheet
302Kb / 22P
Complete DDRII/DDRIII/Low-Power DDRIII/DDRIV/Low-Power DDRIV Memory Power Supply Controller
September 2016
RT8207PGQW RICHTEK-RT8207PGQW Datasheet
302Kb / 22P
Complete DDRII/DDRIII/Low-Power DDRIII/DDRIV/Low-Power DDRIV Memory Power Supply Controller
September 2016
More results


Similar Description - RT8207MZQW

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PM6670 STMICROELECTRONICS-PM6670 Datasheet
682Kb / 53P
Complete DDR2/3 memory power supply controller
01-Mar-2007
PM6670S STMICROELECTRONICS-PM6670S Datasheet
717Kb / 53P
Complete DDR2/3 memory power supply controller
06-Feb-2008
logo
Richtek Technology Corp...
RT8207GQW RICHTEK-RT8207GQW Datasheet
363Kb / 22P
Complete DDRII/DDRIII Memory Power Supply Controller
logo
Semtech Corporation
SC458IMLTRT SEMTECH-SC458IMLTRT Datasheet
293Kb / 1P
Complete Dual-Phase Low VOUT Power Supply Controller
logo
STMicroelectronics
AN2798 STMICROELECTRONICS-AN2798 Datasheet
1Mb / 38P
Complete DDR2/3 memory power supply
04-Nov-2008
logo
Global Mixed-mode Techn...
G5616 GMT-G5616 Datasheet
108Kb / 4P
Complete DDR, DDRII and DDRIII Memory Solution Synchronous Buck PWM Controller, 3A LDO, Buffered Reference
logo
Richtek Technology Corp...
RT8231A RICHTEK-RT8231A Datasheet
306Kb / 23P
Complete DDR Memory Power Supply Controller
April 2021
logo
List of Unclassifed Man...
AS0A626-H2S6-7H ETC-AS0A626-H2S6-7H Datasheet
196Kb / 1P
DDRIII SO DIMM Socket
logo
Richtek Technology Corp...
RT8207P RICHTEK-RT8207P Datasheet
302Kb / 22P
Complete DDRII/DDRIII/Low-Power DDRIII/DDRIV/Low-Power DDRIV Memory Power Supply Controller
September 2016
RT8248A RICHTEK-RT8248A Datasheet
292Kb / 21P
Complete DDR Memory Power Supply Controller
April 2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com