Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABX0027F Datasheet (PDF) - Abracon Corporation

ABX0027F Datasheet PDF - Abracon Corporation
Part # ABX0027F
Download  ABX0027F Download
File Size   54.25 Kbytes
Page   4 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description Low Power 5 Output XO 10MHz to 52MHz

ABX0027F Datasheet (PDF)

Go To PDF Page Download Datasheet
ABX0027F Datasheet PDF - Abracon Corporation

Part # ABX0027F
Download  ABX0027F Click to download

File Size   54.25 Kbytes
Page   4 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description Low Power 5 Output XO 10MHz to 52MHz

ABX0027F Datasheet (HTML) - Abracon Corporation




Similar Part No. - ABX0027F

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABX0027B ABRACON-ABX0027B Datasheet
177Kb / 5P
Ultra Low Current XO 10 MHz to 52 MHz
06/23/06
ABX0027BTCL-T ABRACON-ABX0027BTCL-T Datasheet
177Kb / 5P
Ultra Low Current XO 10 MHz to 52 MHz
06/23/06
ABX0027M ABRACON-ABX0027M Datasheet
54Kb / 4P
Dual XO with 4 CMOS Outputs 10MHz to 52MHz
ABX0027MSC ABRACON-ABX0027MSC Datasheet
54Kb / 4P
Dual XO with 4 CMOS Outputs 10MHz to 52MHz
ABX0027MSC-T ABRACON-ABX0027MSC-T Datasheet
54Kb / 4P
Dual XO with 4 CMOS Outputs 10MHz to 52MHz
More results


Similar Description - ABX0027F

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA7210 INTERSIL-HA7210 Datasheet
127Kb / 15P
10kHz to 10MHz, Low Power Crystal Oscillator
February 1999
logo
PhaseLink Corporation
PLL600-27F PLL-PLL600-27F Datasheet
193Kb / 4P
Low Power 5 Output XO 10MHz to 52MHz
PLL600-27M PLL-PLL600-27M Datasheet
192Kb / 4P
Dual XO with 4 CMOS Outputs 10MHz to 52MHz
PLL600-27T-37T PLL-PLL600-27T-37T Datasheet
196Kb / 4P
Low Power 3 Outputs XO 10MHz to 52MHz
PLL502-51 PLL-PLL502-51 Datasheet
203Kb / 5P
Low Phase Noise VCXO (20MHz to 52MHz)
logo
Intersil Corporation
HA7210 INTERSIL-HA7210_05 Datasheet
314Kb / 15P
10kHz to 10MHz, Low Power Crystal Oscillator
August 5, 2005
logo
Abracon Corporation
ABX0027T ABRACON-ABX0027T Datasheet
50Kb / 4P
Low Power 3 Outputs XO 10MHz to 52MHz
03/21/05
logo
Micrel Semiconductor
PL600-27T MICREL-PL600-27T Datasheet
358Kb / 7P
Low Power 3 Output XO
logo
Abracon Corporation
ABV0251 ABRACON-ABV0251 Datasheet
58Kb / 5P
Low Phase Noise VCXO (20MHz to 52MHz)
ABX0027M ABRACON-ABX0027M Datasheet
54Kb / 4P
Dual XO with 4 CMOS Outputs 10MHz to 52MHz
More results




About Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com