Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABX0027B Datasheet (PDF) - Abracon Corporation

ABX0027B Datasheet PDF - Abracon Corporation
Part # ABX0027B
Download  ABX0027B Download
File Size   177.99 Kbytes
Page   5 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description Ultra Low Current XO 10 MHz to 52 MHz

ABX0027B Datasheet (PDF)

Go To PDF Page Download Datasheet
ABX0027B Datasheet PDF - Abracon Corporation

Part # ABX0027B
Download  ABX0027B Click to download

File Size   177.99 Kbytes
Page   5 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description Ultra Low Current XO 10 MHz to 52 MHz

ABX0027B Datasheet (HTML) - Abracon Corporation




Similar Part No. - ABX0027B

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABX0027F ABRACON-ABX0027F Datasheet
54Kb / 4P
Low Power 5 Output XO 10MHz to 52MHz
ABX0027FSC ABRACON-ABX0027FSC Datasheet
54Kb / 4P
Low Power 5 Output XO 10MHz to 52MHz
ABX0027FSC-T ABRACON-ABX0027FSC-T Datasheet
54Kb / 4P
Low Power 5 Output XO 10MHz to 52MHz
ABX0027M ABRACON-ABX0027M Datasheet
54Kb / 4P
Dual XO with 4 CMOS Outputs 10MHz to 52MHz
ABX0027MSC ABRACON-ABX0027MSC Datasheet
54Kb / 4P
Dual XO with 4 CMOS Outputs 10MHz to 52MHz
More results


Similar Description - ABX0027B

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL600-27-37 PLL-PLL600-27-37 Datasheet
185Kb / 5P
Ultra Low Current XO 10 MHz to 52 MHz
PLL600-27B PLL-PLL600-27B Datasheet
203Kb / 5P
Ultra Low Current XO 10 MHz to 52 MHz
logo
Silicon Laboratories
SI530 SILABS-SI530 Datasheet
183Kb / 10P
CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
SI532 SILABS-SI532 Datasheet
173Kb / 10P
DUAL FREQUENCY XO (10 MHZ TO 1.4 GHZ)
SI534 SILABS-SI534 Datasheet
197Kb / 10P
CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
logo
List of Unclassifed Man...
591BD-DDG ETC2-591BD-DDG Datasheet
121Kb / 12P
1 ps MAX JITTER CRYSTAL OSCILLATOR (XO) (10 MHZ TO 810 MHZ)
logo
Skyworks Solutions Inc.
SI540 SKYWORKS-SI540 Datasheet
1Mb / 20P
Ultra Low Jitter Any-Frequency XO (125 fs), 0.2 to 1500 MHz
Revision 206609A May, 2023
SI545 SKYWORKS-SI545 Datasheet
923Kb / 21P
Ultra Low Jitter Any-Frequency XO (80 fs), 0.2 to 1500 MHz
Revision 206613A May, 2023
SI570 SKYWORKS-SI570 Datasheet
639Kb / 36P
10 MHZ TO 1.4 GHZ I2C PROGRAMMABLE XO/VCXO
Rev. 1.6
SI590 SKYWORKS-SI590 Datasheet
521Kb / 16P
1 ps MAX JITTER CRYSTAL OSCILLATOR (XO) (10 MHZ TO 810 MHZ)
Rev. 1.2
More results




About Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com