Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P87LPC768BN Datasheet (PDF) - NXP Semiconductors

P87LPC768BN Datasheet PDF - NXP Semiconductors
Part # P87LPC768BN
Download  P87LPC768BN Download
File Size   94.72 Kbytes
Page   2 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Low Power, Low System Cost 80C51 MCU with ADC and PWM

P87LPC768BN Datasheet (PDF)

Go To PDF Page Download Datasheet
P87LPC768BN Datasheet PDF - NXP Semiconductors

Part # P87LPC768BN
Download  P87LPC768BN Click to download

File Size   94.72 Kbytes
Page   2 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Low Power, Low System Cost 80C51 MCU with ADC and PWM

P87LPC768BN Datasheet (HTML) - NXP Semiconductors


P87LPC768BN Product details

GENERAL DESCRIPTION
The 87LPC768 is a 20-pin single-chip microcontroller designed for low pin count applications demanding high-integration, low cost solutions over a wide range of performance requirements. A member of the Philips low pin count family, the 87LPC768 offers programmable oscillator configurations for high and low speed crystals or RC operation, wide operating voltage range, programmable port output configurations, selectable Schmitt trigger inputs, LED drive outputs, and a built-in watchdog timer. The 87LPC768 is based on an accelerated 80C51 processor architecture that executes instructions at twice the rate of standard 80C51 devices.

FEATURES
• An accelerated 80C51 CPU provides instruction cycle times of
  300–600 ns for all instructions except multiply and divide when
  executing at 20 MHz. Execution at up to 20 MHz when
  VDD = 4.5 V to 6.0 V, 10 MHz when VDD = 2.7 V to 6.0 V.
• Four-channel 10-bit Pulse Width Modulator
• Four-channel multiplexed 8-bit A/D converter. Conversion time of 9.3µS at fosc = 20 MHz.
• 2.7 V to 6.0 V operating range for digital functions.
• 4 kbytes EPROM code memory.
• 128 byte RAM data memory.
• 32-byte customer code EPROM allows serialization of devices, storage of setup parameters, etc.
• Two 16-bit counter/timers. Each timer may be configured to toggle a port output upon timer overflow.
• Two analog comparators.
• Full duplex UART.
• I2C communication port.
• Eight keypad interrupt inputs, plus two additional external interrupt inputs.
• Four interrupt priority levels.
• Watchdog timer with separate on-chip oscillator, requiring no external components. The watchdog timeout time is selectable from 8 values.
• Active low reset. On-chip power-on reset allows operation with no external reset components.
• Low voltage reset. One of two preset low voltage levels may be selected to allow a graceful system shutdown when power fails. May optionally be configured as an interrupt.
• Oscillator Fail Detect. The watchdog timer has a separate fully on-chip oscillator, allowing it to perform an oscillator fail detect function.
• Configurable on-chip oscillator with frequency range and RC oscillator options (selected by user programmed EPROM bits). The RC oscillator option allows operation with no external oscillator components.
• Programmable port output configuration options: quasi-bidirectional, open drain, push-pull, input-only.
• Selectable Schmitt trigger port inputs.
• LED drive capability (20 mA) on all port pins.
• Controlled slew rate port outputs to reduce EMI. Outputs have approximately 10 ns minimum ramp times.
• 15 I/O pins minimum. Up to 18 I/O pins using on-chip oscillator and reset options.
• Only power and ground connections are required to operate the 87LPC768 when fully on-chip oscillator and reset options are selected.
• Serial EPROM programming allows simple in-circuit production coding. Two EPROM security bits prevent reading of sensitive application programs.
• Idle and Power Down reduced power modes. Improved wakeup from Power Down mode (a low interrupt input starts execution). Typical Power Down current is 1 µA.
• 20-pin DIP and SO packages.




Similar Part No. - P87LPC768BN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P87LPC768BN PHILIPS-P87LPC768BN Datasheet
337Kb / 64P
Low power, low price, low pin count 20 pin microcontroller with 4 kB OTP 8-bit A/D,and Pulse Width Modulator
2001 Aug 06
More results


Similar Description - P87LPC768BN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CC2510FX ETC1-CC2510FX Datasheet
1Mb / 253P
True System-on-Chip with Low Power RF Transceiver and 8051 MCU
logo
Analog Devices
AD8137 AD-AD8137 Datasheet
815Kb / 24P
Low Cost, Low Power 12-Bit Differential ADC Driver
8/04-Data Sheet Changed from a Rev. 0 to Rev. A.
logo
ATMEL Corporation
AT43USB353M ATMEL-AT43USB353M_03 Datasheet
59Kb / 5P
Low Cost USB Microcontroller with Hub, ADC and PWM
AT43USB353M ATMEL-AT43USB353M_04 Datasheet
593Kb / 95P
Low Cost Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
logo
Aavid, Thermal Division...
AD8137 AAVID-AD8137_12 Datasheet
588Kb / 32P
Low Cost, Low Power, Differential ADC Driver
Rev. E
logo
Analog Devices
AD8137 AD-AD8137_15 Datasheet
797Kb / 33P
Low Cost, Low Power, Differential ADC Driver
Rev. E
AD8137 AD-AD8137_16 Datasheet
629Kb / 33P
Low Cost, Low Power, Differential ADC Driver
Rev. E
logo
List of Unclassifed Man...
CR6853 ETC1-CR6853 Datasheet
166Kb / 11P
Novel Low Cost Green-Power PWM Controller With Low EMI Technique
logo
Microchip Technology
SAM-D21 MICROCHIP-SAM-D21 Datasheet
9Mb / 1148P
Low-Power, 32-bit Cortex-M0 MCU with Advanced Analog and PWM
2021
logo
List of Unclassifed Man...
BIT3251 ETC-BIT3251 Datasheet
154Kb / 7P
Low Cost PWM Controller
Version: A0 2006/7/7
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com