Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8137 Datasheet (PDF) - Analog Devices

AD8137 Datasheet PDF - Analog Devices
Part # AD8137
Download  AD8137 Download
File Size   815.4 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Cost, Low Power 12-Bit Differential ADC Driver

AD8137 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8137 Datasheet PDF - Analog Devices

Part # AD8137
Download  AD8137 Click to download

File Size   815.4 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Cost, Low Power 12-Bit Differential ADC Driver

AD8137 Datasheet (HTML) - Analog Devices


AD8137 Product details

GENERAL DESCRIPTON
The AD8137 is a low cost differential driver with a rail-to-rail output that is ideal for driving ADCs in systems that are sensitive to power and cost. The AD8137 is easy to apply, and its internal common-mode feedback architecture allows its output common mode voltage to be controlled by the voltage applied to one pin. The internal feedback loop also provides inherently balanced outputs as well as suppression of even-order harmonic distortion products. Fully differential and single-ended-to-differential gain configurations are easily realized by the AD8137. External feedback networks consisting of four resistors determine the closed-loop gain of the amplifier. The power-down feature is beneficial in critical low power applications.
The AD8137 is manufactured on Analog Devices, Inc., proprietary second-generation XFCB process, enabling it to achieve high levels of performance with very low power consumption.
The AD8137 is available in the small 8-lead SOIC package and 3 mm × 3 mm LFCSP package. It is rated to operate over the extended industrial temperature range of −40°C to +125°C.

FEATURES
   Fully differential
   Extremely low power with power-down feature
      2.6 mA quiescent supply current @ 5 V
      450 µA in power-down mode @ 5 V
   High speed
      110 MHz large signal 3 dB bandwidth @ G = 1
      450 V/µs slew rate
   12-bit SFDR performance @ 500 kHz
   Fast settling time: 100 ns to 0.02%
   Low input offset voltage: ±2.6 mV max
   Low input offset current: 0.45 µA max
   Differential input and output
   Differential-to-differential or single-ended-to-differential
      operation
   Rail-to-rail output
   Adjustable output common-mode voltage
   Externally adjustable gain
   Wide supply voltage range: 2.7 V to 12 V
   Available in small SOIC package
   Qualified for automotive applications
  
APPLICATIONS
   ADC drivers
   Automotive vision and safety systems
   Automotive infotainment systems
   Portable instrumentation
   Battery-powered applications
   Single-ended-to-differential converters
   Differential active filters
   Video amplifiers
   Level shifters




Similar Part No. - AD8137

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8137 AD-AD8137 Datasheet
926Kb / 32P
Ultralow Power, Low Distortion
REV. B
logo
Aavid, Thermal Division...
AD8137 AAVID-AD8137 Datasheet
588Kb / 32P
Low Cost, Low Power, Differential ADC Driver
Rev. E
logo
Analog Devices
AD8137 AD-AD8137 Datasheet
331Kb / 8P
Differential Amplifier Evaluation Board for Single 8-lead LFCSP Packages
REV. A
AD8137 AD-AD8137 Datasheet
797Kb / 33P
Low Cost, Low Power, Differential ADC Driver
Rev. E
AD8137 AD-AD8137 Datasheet
939Kb / 16P
Matched Resistor Network for Precision Amplifiers
More results


Similar Description - AD8137

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8138 AD-AD8138 Datasheet
534Kb / 16P
Low Distortion Differential ADC Driver
3/03-Data Sheet changed from REV. D to REV. E.
AD8137 AD-AD8137_05 Datasheet
841Kb / 24P
Low Cost, Low Power 12-Bit Differential ADC Driver
REV. B
AD8138 AD-AD8138_06 Datasheet
496Kb / 24P
Low Distortion Differential ADC Driver
Rev. F
ADA4932-1 AD-ADA4932-1 Datasheet
551Kb / 28P
Low Power Differential ADC Driver
REV. 0
logo
Aavid, Thermal Division...
AD8137 AAVID-AD8137_12 Datasheet
588Kb / 32P
Low Cost, Low Power, Differential ADC Driver
Rev. E
logo
Analog Devices
ADA4932-1 AD-ADA4932-1_09 Datasheet
477Kb / 28P
Low Power Differential ADC Driver
REV. A
AD8137 AD-AD8137_15 Datasheet
797Kb / 33P
Low Cost, Low Power, Differential ADC Driver
Rev. E
AD8137 AD-AD8137_16 Datasheet
629Kb / 33P
Low Cost, Low Power, Differential ADC Driver
Rev. E
AD8138 AD-AD8138_16 Datasheet
524Kb / 25P
Low Distortion, Differential ADC Driver
Rev. G
ADA4932-1 AD-ADA4932-1_16 Datasheet
753Kb / 27P
Low Power, Differential ADC Driver
Rev. E
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com