Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8138 Datasheet (PDF) - Analog Devices

AD8138 Datasheet PDF - Analog Devices
Part # AD8138
Download  AD8138 Download
File Size   534.04 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Distortion Differential ADC Driver

AD8138 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8138 Datasheet PDF - Analog Devices

Part # AD8138
Download  AD8138 Click to download

File Size   534.04 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Distortion Differential ADC Driver

AD8138 Datasheet (HTML) - Analog Devices


AD8138 Product details

GENERAL DESCRIPTION
The AD8138 is a major advancement over op amps for differential signal processing. The AD8138 can be used as a single-ended-to-differential amplifier or as a differential-to-differential amplifier. The AD8138 is as easy to use as an op amp and greatly simplifies differential signal amplification and driving. Manufactured on the proprietary ADI XFCB bipolar process, the AD8138 has a −3 dB bandwidth of 320 MHz and delivers a differential signal with the lowest harmonic distortion available in a differential amplifier. The AD8138 has a unique internal feedback feature that provides balanced output gain and phase matching, suppressing even order harmonics. The internal feedback circuit also minimizes any gain error that would be associated with the mismatches in the external gain setting resistors.

FEATURES
   Easy to use, single-ended-to-differential conversion
   Adjustable output common-mode voltage
   Externally adjustable gain
   Low harmonic distortion
      −94 dBc SFDR at 5 MHz
      −85 dBc SFDR at 20 MHz
   −3 dB bandwidth of 320 MHz, G = +1
   Fast settling to 0.01% of 16 ns
   Slew rate 1150 V/µs
   Fast overdrive recovery of 4 ns
   Low input voltage noise of 5 nV/√Hz
   1 mV typical offset voltage
   Wide supply range +3 V to ±5 V
   Low power 90 mW on 5 V
   0.1 dB gain flatness to 40 MHz
   Available in 8-Lead SOIC and MSOP packages

APPLICATIONS
   ADC drivers
   Single-ended-to-differential converters
   IF and baseband gain blocks
   Differential buffers
   Line drivers




Similar Part No. - AD8138

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8138 AD-AD8138 Datasheet
939Kb / 16P
Matched Resistor Network for Precision Amplifiers
AD8138 AD-AD8138 Datasheet
463Kb / 24P
Low Distortion, Differential ADC Driver
Rev. G
AD8138-EP AD-AD8138-EP Datasheet
170Kb / 12P
Low Distortion Differential ADC Driver
Rev. 0
AD8138AR AD-AD8138AR Datasheet
496Kb / 24P
Low Distortion Differential ADC Driver
Rev. F
AD8138AR AD-AD8138AR Datasheet
524Kb / 25P
Low Distortion, Differential ADC Driver
Rev. G
More results


Similar Description - AD8138

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4937-1 AD-ADA4937-1 Datasheet
248Kb / 9P
Ultra-Low Distortion Differential ADC Driver
Dec-2006
ADA4938-1 AD-ADA4938-1_06 Datasheet
278Kb / 9P
Ultra-Low Distortion Differential ADC Driver
Dec-2006
AD8138 AD-AD8138_06 Datasheet
496Kb / 24P
Low Distortion Differential ADC Driver
Rev. F
ADA4938-1 AD-ADA4938-1_07 Datasheet
298Kb / 14P
Ultra-Low Distortion Differential ADC Driver
05/07-Rev. PrC to Rev. PrD
ADA4960-1 AD-ADA4960-1 Datasheet
115Kb / 6P
Low Distortion Ultrahigh Speed Differential ADC Driver
Rev. PrB
AD8138 AD-AD8138_15 Datasheet
583Kb / 25P
Low Distortion Differential ADC Driver
Rev. F
ADA4937-1 AD-ADA4937-1_15 Datasheet
959Kb / 29P
Ultralow Distortion Differential ADC Driver
Rev. D
ADA4937-2 AD-ADA4937-2_15 Datasheet
959Kb / 29P
Ultralow Distortion Differential ADC Driver
Rev. D
AD8138 AD-AD8138_16 Datasheet
524Kb / 25P
Low Distortion, Differential ADC Driver
Rev. G
ADA4938-1 AD-ADA4938-1_16 Datasheet
598Kb / 26P
Ultralow Distortion Differential ADC Driver
Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com