Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4960-1 Datasheet (PDF) - Analog Devices

ADA4960-1 Datasheet PDF - Analog Devices
Part # ADA4960-1
Download  ADA4960-1 Download
File Size   115.25 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Distortion Ultrahigh Speed Differential ADC Driver

ADA4960-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADA4960-1 Datasheet PDF - Analog Devices

Part # ADA4960-1
Download  ADA4960-1 Click to download

File Size   115.25 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Distortion Ultrahigh Speed Differential ADC Driver

ADA4960-1 Datasheet (HTML) - Analog Devices


ADA4960-1 Product details

GENERAL DESCRIPTION

The ADA4960-1 is a high performance differential amplifier optimized for RF and IF applications. It achieves better than 63dB SFDR performance at frequencies up to 500 MHz, and 52dB up to 1GHz, making it an ideal driver for high speed 8-bit to 10-bit giga-sample analog-to-digital converters (ADCs).



FEATURES

Adjustable output common-mode voltage

Externally adjustable gain

−3 dB bandwidth of 3GHz, (all gains)

Low harmonic distortion (H2/H3 SE->DIFF)

-77/-67 dBc @ 250 MHz

-69/-63 dBc @ 500 MHz

-52/-63 dBc @ 1GHz

IMD3 @ 1GHz = 67dBc

Slew rate 8000 V/μs

Fast overdrive recovery of 1 ns

Low input voltage noise of 3.6 nV/√Hz

Low power dissipation: 60 mA quiescent current

0.1 dB gain flatness to TBD MHz

Available in 16-Lead and 24-Lead LFSCP packages




Similar Part No. - ADA4960-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4960-1 AD-ADA4960-1 Datasheet
481Kb / 19P
5 GHz, Low Distortion lADC Driver/Line Driver
3/2017-Rev. 0 to Rev. A
ADA4960-1ACP-EBZ AD-ADA4960-1ACP-EBZ Datasheet
481Kb / 19P
5 GHz, Low Distortion lADC Driver/Line Driver
3/2017-Rev. 0 to Rev. A
ADA4960-1ACPZ-R2 AD-ADA4960-1ACPZ-R2 Datasheet
420Kb / 21P
5 GHz, Low Distortion ADC Driver/Line Driver
Rev. 0
ADA4960-1ACPZ-R2 AD-ADA4960-1ACPZ-R2 Datasheet
481Kb / 19P
5 GHz, Low Distortion lADC Driver/Line Driver
3/2017-Rev. 0 to Rev. A
ADA4960-1ACPZ-R7 AD-ADA4960-1ACPZ-R7 Datasheet
420Kb / 21P
5 GHz, Low Distortion ADC Driver/Line Driver
Rev. 0
More results


Similar Description - ADA4960-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8138 AD-AD8138 Datasheet
534Kb / 16P
Low Distortion Differential ADC Driver
3/03-Data Sheet changed from REV. D to REV. E.
ADA4937-1 AD-ADA4937-1 Datasheet
248Kb / 9P
Ultra-Low Distortion Differential ADC Driver
Dec-2006
ADA4938-1 AD-ADA4938-1_06 Datasheet
278Kb / 9P
Ultra-Low Distortion Differential ADC Driver
Dec-2006
AD8138 AD-AD8138_06 Datasheet
496Kb / 24P
Low Distortion Differential ADC Driver
Rev. F
ADA4938-1 AD-ADA4938-1_07 Datasheet
298Kb / 14P
Ultra-Low Distortion Differential ADC Driver
05/07-Rev. PrC to Rev. PrD
AD8138 AD-AD8138_15 Datasheet
583Kb / 25P
Low Distortion Differential ADC Driver
Rev. F
ADA4937-1 AD-ADA4937-1_15 Datasheet
959Kb / 29P
Ultralow Distortion Differential ADC Driver
Rev. D
ADA4937-2 AD-ADA4937-2_15 Datasheet
959Kb / 29P
Ultralow Distortion Differential ADC Driver
Rev. D
AD8138 AD-AD8138_16 Datasheet
524Kb / 25P
Low Distortion, Differential ADC Driver
Rev. G
ADA4938-1 AD-ADA4938-1_16 Datasheet
598Kb / 26P
Ultralow Distortion Differential ADC Driver
Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com