Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61880 Datasheet (PDF) - Cirrus Logic

CS61880 Datasheet PDF - Cirrus Logic
Part # CS61880
Download  CS61880 Download
File Size   791.45 Kbytes
Page   70 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description OCTAL E1 LINE INTERFACE UNIT

CS61880 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS61880 Datasheet PDF - Cirrus Logic

Part # CS61880
Download  CS61880 Click to download

File Size   791.45 Kbytes
Page   70 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description OCTAL E1 LINE INTERFACE UNIT

CS61880 Datasheet (HTML) - Cirrus Logic


CS61880 Product details

Description
The CS61880 is a full-featured Octal E1 short-haul LIU that supports 2.048 Mbps data transmission for both E1 75 Ω and E1 120 Ω applications. Each channel provides crystal-less jitter attenuation that complies with the most stringent standards. Each channel also provides internal AMI/HDB3 encoding/decoding. To support enhanced system diagnostics, channel zero can be configured for G.772 non-intrusive monitoring of any of the other 7 channels’ receive or transmit paths.

Features
■ Octal E1 Short-haul Line Interface Unit
■ Low Power
■ No External Component Changes for 120 Ω / 75 Ω Operation
■ Pulse Shapes can be customized by the user
■ Internal AMI, or HDB3 Encoding/Decoding
■ LOS Detection per ITU G.775 or ETSI 300- 233
■ G.772 Non-Intrusive Monitoring
■ G.703 BITS Clock Recovery
■ Crystal-less Jitter Attenuation
■ Serial/Parallel Microprocessor Control Interfaces
■ Transmitter Short Circuit Current Limiter (<50 mA)
■ TX Drivers with Fast High-Z and Power Down
■ JTAG Boundary Scan compliant to IEEE 1149.1
■ 144-Pin LQFP or 160-Pin FBGA Package




Similar Part No. - CS61880

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS61880-IQ CIRRUS-CS61880-IQ Datasheet
488Kb / 22P
Octal E1 Line Interface Evaluation Board
More results


Similar Description - CS61880

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT82V2058 IDT-IDT82V2058 Datasheet
609Kb / 52P
OCTAL E1 SHORT HAUL LINE INTERFACE UNIT
logo
Cirrus Logic
CS61884 CIRRUS-CS61884 Datasheet
1Mb / 72P
Octal T1/E1/J1 Line Interface Unit
logo
Integrated Device Techn...
IDT82V2048 IDT-IDT82V2048 Datasheet
673Kb / 61P
OCTAL T1/E1 SHORT HAUL LINE INTERFACE UNIT
logo
Cirrus Logic
CS61884 CIRRUS-CS61884_05 Datasheet
1Mb / 71P
Octal T1/E1/J1 Line Interface Unit
logo
Integrated Device Techn...
IDT82V2058-10 IDT-IDT82V2058-10 Datasheet
1Mb / 53P
OCTAL E1 SHORT HAUL LINE INTERFACE UNIT
logo
Intel Corporation
LXT381II INTEL-LXT381II Datasheet
226Kb / 36P
Octal E1 Line Interface Unit
logo
Integrated Device Techn...
IDT82V2048 IDT-IDT82V2048_10 Datasheet
1Mb / 62P
OCTAL T1/E1 SHORT HAUL LINE INTERFACE UNIT
logo
Renesas Technology Corp
IDT82V2048 RENESAS-IDT82V2048 Datasheet
723Kb / 63P
OCTAL T1/E1 SHORT HAUL LINE INTERFACE UNIT
November 14, 2012
IDT82V2058 RENESAS-IDT82V2058 Datasheet
889Kb / 54P
OCTAL E1 SHORT HAUL LINE INTERFACE UNIT
January 21, 2010
logo
List of Unclassifed Man...
CH5008 ETC-CH5008 Datasheet
133Kb / 2P
Octal E1 Short Haul Line Interface Unit
Rev1.0, March,2005
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com