Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A29DL32X Datasheet (PDF) - AMIC Technology

A29DL32X Datasheet PDF - AMIC Technology
Part # A29DL32X
Download  A29DL32X Download
File Size   771.43 Kbytes
Page   50 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 32 Megabit (4M x 8-Bit/2M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory

A29DL32X Datasheet (PDF)

Go To PDF Page Download Datasheet
A29DL32X Datasheet PDF - AMIC Technology

Part # A29DL32X
Download  A29DL32X Click to download

File Size   771.43 Kbytes
Page   50 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 32 Megabit (4M x 8-Bit/2M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory

A29DL32X Datasheet (HTML) - AMIC Technology


A29DL32X Product details

GENERAL DESCRIPTION
The A29DL32x family consists of 32 megabit, 3.0 volt-only flash memory devices, organized as 2,097,152 words of 16 bits each or 4,194,304 bytes of 8 bits each. Word mode data appears on I/O0–I/O15; byte mode data appears on I/O0–I/O7. The device is designed to be programmed in-system with the standard 3.0 volt VCC supply, and can also be programmed in standard EPROM programmers.

DISTINCTIVE CHARACTERISTICS
ARCHITECTURAL ADVANTAGES
■ Simultaneous Read/Write operations
    - Data can be continuously read from one bank while executing erase/program functions in other bank
    - Zero latency between read and write operations
■ Multiple bank architectures
    - Three devices available with different bank sizes (refer to Table 2)
■ Package options
    - 48-ball TFBGA
    - 48-pin TSOP
■ Top or bottom boot block
■ Manufactured on 0.18 µm process technology
    - Compatible with AMD AM29DL32xD device
■ Compatible with JEDEC standards
    - Pinout and software compatible with single-power-supply flash standard

PERFORMANCE CHARACTERISTICS
■ High performance
    - Access time as fast as 70ns
    - Program time: 7µs/word typical utilizing Accelerate function
■ Ultra low power consumption (typical values)
    - 2mA active read current at 1MHz
    - 10mA active read current at 5MHz
    - 200nA in standby or automatic sleep mode
■ Minimum 1 million write cycles guaranteed per sector
■ 20 Year data retention at 125°C
    - Reliable operation for the life of the system

SOFTWARE FEATURES
■ Supports Common Flash Memory Interface (CFI)
■ Erase Suspend/Erase Resume
    - Suspends erase operations to allow programming in same bank ■ Software temporary sector/sector block unprotect command
■ Software sector protect/unprotect command
■ Data Polling and Toggle Bits
    - Provides a software method of detecting the status of program or erase cycles
■ Unlock Bypass Program command
    - Reduces overall programming time when issuing multiple program command sequences

HARDWARE FEATURES
■ Any combination of sectors can be erased
■ Ready/Busy output (RY/BY )
    - Hardware method for detecting program or erase cycle completion
■ Hardware reset pin (RESET)
    - Hardware method of resetting the internal state machine to reading array data
■ WP /ACC input pin
    - Write protect ( WP ) function allows protection of two outermost boot sectors, regardless of sector protect status
    - Acceleration (ACC) function accelerates program timing
■ Sector protection
    - Hardware method of locking a sector, either in-system or using programming equipment, to prevent any program or erase operation within that sector
    - Temporary Sector Unprotect allows changing data in protected sectors in-system




Similar Part No. - A29DL32X

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29DL323 AMICC-A29DL323 Datasheet
496Kb / 46P
32M-Bit CMOS Low Voltage Dual Operation Flash Memory 4M-Byte by 8-Bit (Byte Mode) / 2M-Word by 16-Bit (Word Mode)
A29DL323TG-90 AMICC-A29DL323TG-90 Datasheet
496Kb / 46P
32M-Bit CMOS Low Voltage Dual Operation Flash Memory 4M-Byte by 8-Bit (Byte Mode) / 2M-Word by 16-Bit (Word Mode)
A29DL323TV-90 AMICC-A29DL323TV-90 Datasheet
496Kb / 46P
32M-Bit CMOS Low Voltage Dual Operation Flash Memory 4M-Byte by 8-Bit (Byte Mode) / 2M-Word by 16-Bit (Word Mode)
A29DL323UG-90 AMICC-A29DL323UG-90 Datasheet
496Kb / 46P
32M-Bit CMOS Low Voltage Dual Operation Flash Memory 4M-Byte by 8-Bit (Byte Mode) / 2M-Word by 16-Bit (Word Mode)
A29DL323UV-90 AMICC-A29DL323UV-90 Datasheet
496Kb / 46P
32M-Bit CMOS Low Voltage Dual Operation Flash Memory 4M-Byte by 8-Bit (Byte Mode) / 2M-Word by 16-Bit (Word Mode)
More results


Similar Description - A29DL32X

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29DL16X AMICC-A29DL16X Datasheet
738Kb / 47P
16 Megabit (2M x 8-Bit/1M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
logo
Advanced Micro Devices
AM29DL322D AMD-AM29DL322D Datasheet
1Mb / 54P
32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
logo
Excel Semiconductor Inc...
ES29DL320 EXCELSEMI-ES29DL320 Datasheet
770Kb / 59P
32Mbit(4M x 8/2M x 16) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
logo
Advanced Micro Devices
AM29DL322C AMD-AM29DL322C Datasheet
691Kb / 52P
32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
logo
SPANSION
AM29DL32XG SPANSION-AM29DL32XG_06 Datasheet
1Mb / 58P
32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
logo
Advanced Micro Devices
AM29DL320G AMD-AM29DL320G Datasheet
1Mb / 58P
32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM49DL32XBG AMD-AM49DL32XBG Datasheet
1Mb / 64P
32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 32 Mbit (2M x 16-Bit)
logo
SPANSION
S29JL032J SPANSION-S29JL032J Datasheet
1Mb / 63P
32 Megabit (4M x 8-Bit/2M x 16-Bit) CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
S29JL032J70TFI420 SPANSION-S29JL032J70TFI420 Datasheet
1Mb / 63P
32 Megabit (4M x 8-Bit/2M x 16-Bit) CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
S29JL032J70TFI320 SPANSION-S29JL032J70TFI320 Datasheet
1Mb / 63P
32 Megabit (4M x 8-Bit/2M x 16-Bit) CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
More results




About AMIC Technology


AMIC Technology Corporation (AMIC) is a semiconductor company that designs and manufactures a range of memory and system-on-chip (SoC) solutions. The company was founded in 1988 and is headquartered in Taipei, Taiwan.

AMIC's product portfolio includes DRAM, SRAM, flash memory, and ROM chips. The company also offers SoC solutions for a range of applications, including communications, consumer electronics, and automotive. These products are used in a variety of devices, including smartphones, tablets, digital cameras, and automotive infotainment systems.

AMIC is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials.
AMIC also offers custom design and engineering services to meet the specific needs of its customers.

AMIC has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable memory and SoC solutions that meet the evolving needs of the electronics industry. In 2007, AMIC was acquired by fellow Taiwanese semiconductor company TMC Group.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com