Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3041ARU Datasheet (PDF) - Analog Devices

ADP3041ARU Datasheet PDF - Analog Devices
Part # ADP3041ARU
Download  ADP3041ARU Download
File Size   269.17 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description TFT LCD Panel Power Module

ADP3041ARU Datasheet (PDF)

Go To PDF Page Download Datasheet
ADP3041ARU Datasheet PDF - Analog Devices

Part # ADP3041ARU
Download  ADP3041ARU Click to download

File Size   269.17 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description TFT LCD Panel Power Module

ADP3041ARU Datasheet (HTML) - Analog Devices


ADP3041ARU Product details

GENERAL DESCRIPTION
The ADP3041 is a fixed frequency, PWM step-up dc-to-dc switching regulator with five buffers capable of 12 V boosted output voltage in a TSSOP 20-lead package. It provides high efficiency, low noise operation, and excellent dynamic response, and is easy to use. The high switching frequency allows for small, cost-saving, external inductive and capacitive components. The ADP3041 operates in PWM current mode. The current limit and the power switch are integrated completely on-chip.

FEATURES
    600 kHz PWM Frequency
    Fully Integrated 1.5 A Power Switch
    3% Output Regulation Accuracy
    Simple Compensation
    Small Inductor and MLC Capacitors
    300 μA Quiescent Supply Current
    90% Efficiency
    Undervoltage Lockout
    5 Buffers
    TSSOP 20-Lead Package
    Pb-Free Part

APPLICATIONS
    TFT LCD Bias Supplies




Similar Part No. - ADP3041ARU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3041 AD-ADP3041_15 Datasheet
267Kb / 16P
TFT LCD Panel Power Module
REV. D
More results


Similar Description - ADP3041ARU

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
LT104S1-101 SAMSUNG-LT104S1-101 Datasheet
1Mb / 19P
TFT LCD Panel Display
logo
Rohm
BD8154EFV ROHM-BD8154EFV Datasheet
357Kb / 6P
Main power supply for TFT-LCD panel module
logo
Sharp Corporation
LQ104S1DG21 SHARP-LQ104S1DG21 Datasheet
376Kb / 19P
TFT-LCD Module
LQ121S1LG41 SHARP-LQ121S1LG41 Datasheet
3Mb / 19P
TFT-LCD Module
LQ121S1LG61 SHARP-LQ121S1LG61 Datasheet
715Kb / 20P
TFT-LCD Module
LQ181E1LW31 SHARP-LQ181E1LW31 Datasheet
556Kb / 24P
TFT-LCD Module
logo
Analog Devices
ADP3041 AD-ADP3041_15 Datasheet
267Kb / 16P
TFT LCD Panel Power Module
REV. D
logo
Purdy Electronics Corpo...
AND-TFT-35VX-UHB-TS PURDY-AND-TFT-35VX-UHB-TS Datasheet
2Mb / 6P
TFT LCD Touch Panel
logo
uPI Group Inc.
UP6668 UPI-UP6668 Datasheet
774Kb / 19P
TFT-LCD TV Panel Power Solution
logo
Richtek Technology Corp...
SN18400P RICHTEK-SN18400P Datasheet
1Mb / 45P
TFT LCD Integrated Power Module
November 2020
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com