Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4411B Datasheet (PDF) - Maxim Integrated Products

MAX4411B Datasheet PDF - Maxim Integrated Products
Part # MAX4411B
Download  MAX4411B Download
File Size   623.15 Kbytes
Page   18 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 80mW, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown

MAX4411B Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX4411B Datasheet PDF - Maxim Integrated Products

Part # MAX4411B
Download  MAX4411B Click to download

File Size   623.15 Kbytes
Page   18 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 80mW, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown

MAX4411B Datasheet (HTML) - Maxim Integrated Products


MAX4411B Product details

General Description
The MAX4411 fixed-gain, stereo headphone amplifier is designed for portable equipment where board space is at a premium. The MAX4411 uses a unique, patented DirectDrive architecture to produce a ground-referenced output from a single supply, eliminating the need for large DC-blocking capacitors, saving cost, board space, and component height. Additionally, the gain of the amplifier is set internally (-1.5V/V, MAX4411 and -2V/V, MAX4411B), further reducing component count.

Features
♦ No Bulky DC-Blocking Capacitors Required
♦ Fixed -1.5V/V Gain Eliminates External Feedback Network
    MAX4411: -1.5V/V
    MAX4411B: -2V/V
♦ Ground-Referenced Outputs Eliminate DC-Bias Voltages on Headphone Ground Pin
♦ No Degradation of Low-Frequency Response Due to Output Capacitors
♦ 80mW per Channel into 16Ω
♦ Low 0.003% THD+N
♦ High PSRR (86dB at 217Hz)
♦ Integrated Click-and-Pop Suppression
♦ 1.8V to 3.6V Single-Supply Operation
♦ Low Quiescent Current (5mA)
♦ Independent Left/Right, Low-Power Shutdown Controls
♦ Short-Circuit and Thermal-Overload Protection
♦ ±8kV ESD-Protected Amplifier Outputs
♦ Available in Space-Saving Packages
    16-Bump UCSP (2mm ✕ 2mm ✕ 0.6mm)
    20-Pin Thin QFN (4mm ✕ 4mm ✕ 0.8mm)

Applications
    Notebook PCs
    Cellular Phones
    PDAs
    MP3 Players
    Smart Phones
    Portable Audio Equipment




Similar Part No. - MAX4411B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAX4411BEBE+T AD-MAX4411BEBE+T Datasheet
523Kb / 18P
80mW, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 2 9/06
MAX4411BEBE-T AD-MAX4411BEBE-T Datasheet
523Kb / 18P
80mW, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 2 9/06
MAX4411BETP AD-MAX4411BETP Datasheet
523Kb / 18P
80mW, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 2 9/06
MAX4411BETP+ AD-MAX4411BETP+ Datasheet
523Kb / 18P
80mW, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 2 9/06
More results


Similar Description - MAX4411B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4410 MAXIM-MAX4410 Datasheet
865Kb / 20P
80mW, DirectDrive Stereo Headphone Driver with Shutdown
Rev 2; 10/02
MAX9720 MAXIM-MAX9720 Datasheet
508Kb / 21P
50mW, DirectDrive, Stereo Headphone Amplifier with SmartSense and Shutdown
Rev 0; 4/03
MAX9721 MAXIM-MAX9721 Datasheet
559Kb / 14P
1V, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 0; 1/04
MAX9725 MAXIM-MAX9725 Datasheet
425Kb / 14P
1V, Low-Power, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 0; 11/04
MAX4409 MAXIM-MAX4409 Datasheet
430Kb / 19P
80mW, DirectDrive Stereo Headphone Amplifier with Common-Mode Sense
Rev 1; 6/04
MAX9725 MAXIM-MAX9725_07 Datasheet
528Kb / 19P
1V, Low-Power, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 2; 11/07
MAX9725DETC MAXIM-MAX9725DETC Datasheet
332Kb / 17P
1V, Low-Power, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 4; 3/09
MAX9725 MAXIM-MAX9725_V01 Datasheet
332Kb / 17P
1V, Low-Power, DirectDrive, Stereo Headphone Amplifier with Shutdown
19-3465; Rev 4; 3/09
MAX4409 MAXIM-MAX4409_V01 Datasheet
436Kb / 20P
80mW, DirectDrive, Stereo Headphone Amplifier with Common-Mode Sense
19-2842; Rev 3; 6/09
MAX4411 MAXIM-MAX4411_V01 Datasheet
523Kb / 18P
80mW, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown
19-2618; Rev 2; 9/06
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com