Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICL7126CPL Datasheet (PDF) - Intersil Corporation

ICL7126CPL Datasheet PDF - Intersil Corporation
Part # ICL7126CPL
Download  ICL7126CPL Download
File Size   468.01 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 3 1/2 Digit, Low Power, Single Chip A/D Converter

ICL7126CPL Datasheet (PDF)

Go To PDF Page Download Datasheet
ICL7126CPL Datasheet PDF - Intersil Corporation

Part # ICL7126CPL
Download  ICL7126CPL Click to download

File Size   468.01 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 3 1/2 Digit, Low Power, Single Chip A/D Converter

ICL7126CPL Datasheet (HTML) - Intersil Corporation


ICL7126CPL Product details

The ICL7126 is a high performance, very low power 31/2-digit, A/D converter. All the necessary active devices are contained on a single CMOS IC, including seven segment decoders, display drivers, reference, and clock. The ICL7126 is designed to interface with a liquid crystal display (LCD) and includes a backplane drive. The supply current of 100µA is ideally suited for 9V battery operation.

Features
• 8,000 Hours Typical 9V Battery Life
• Guaranteed Zero Reading for 0V Input on All Scales
• True Polarity at Zero for Precise Null Detection
• 1pA Typical Input Current
• True Differential Input and Reference
• Direct LCD Display Drive - No External Components Required
• Pin Compatible With the ICL7106
• Low Noise - Less Than 15µVP-P
• On-Chip Clock and Reference
• Low Power Dissipation Guaranteed Less Than 1mW
• No Additional Active Circuits Required
• Pb-Free Available (RoHS Compliant)




Similar Part No. - ICL7126CPL

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
ICL7126CPL MAXIM-ICL7126CPL Datasheet
377Kb / 8P
Low Power, 3쩍 Digit A/D Converter
logo
Intersil Corporation
ICL7126CPL INTERSIL-ICL7126CPL Datasheet
469Kb / 15P
3 1/2 Digit, Low Power, Single Chip A/D Converter
October 25, 2004
logo
Renesas Technology Corp
ICL7126CPL RENESAS-ICL7126CPL Datasheet
790Kb / 15P
3 1/2 Digit, Low Power, Single Chip A/D Converter
logo
Intersil Corporation
ICL7126CPLZ INTERSIL-ICL7126CPLZ Datasheet
469Kb / 15P
3 1/2 Digit, Low Power, Single Chip A/D Converter
October 25, 2004
logo
Renesas Technology Corp
ICL7126CPLZ RENESAS-ICL7126CPLZ Datasheet
790Kb / 15P
3 1/2 Digit, Low Power, Single Chip A/D Converter
More results


Similar Description - ICL7126CPL

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU9201B NJRC-NJU9201B Datasheet
178Kb / 4P
3.1/2 DIGIT SINGLE CHIP A/D CONVERTER
NJU9252 NJRC-NJU9252 Datasheet
237Kb / 6P
2-DIGIT SINGLE CHIP A/D CONVERTER
logo
Analog Microelectronics
AME7106 AME-AME7106 Datasheet
1Mb / 20P
3-1/2 Digit A/D Converter High Accuracy, Low Power
logo
List of Unclassifed Man...
LD110 ETC-LD110 Datasheet
335Kb / 8P
3 1/2 Digit A/D Converter Set
ES5136 ETC1-ES5136 Datasheet
364Kb / 22P
3 1/2 DIGIT A/D CONVERTER W/LCD
logo
Motorola, Inc
MC14433 MOTOROLA-MC14433 Datasheet
450Kb / 12P
CMOS LSI (LOW-POWER COMPLEMENTARY MOS) 3 1/2 DIGIT A/D CONVERTER
logo
Cyrustek corporation
ES5106 CYRUSTEK-ES5106_03 Datasheet
756Kb / 20P
3 1/2 DIGIT A/D CONVERTER W/LCD
ES5136 CYRUSTEK-ES5136 Datasheet
692Kb / 22P
3 1/2 DIGIT A/D CONVERTER W/LCD(Low power)
logo
Intersil Corporation
ICL7126CPL INTERSIL-ICL7126CPL Datasheet
469Kb / 15P
3 1/2 Digit, Low Power, Single Chip A/D Converter
October 25, 2004
logo
Renesas Technology Corp
ICL7126 RENESAS-ICL7126 Datasheet
790Kb / 15P
3 1/2 Digit, Low Power, Single Chip A/D Converter
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com