Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10GX52F Datasheet (PDF) - Belden Inc.

10GX52F Datasheet PDF - Belden Inc.
Part # 10GX52F
Download  10GX52F Download
File Size   258.15 Kbytes
Page   4 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description CAT6A (625MHz), 4 Nonbonded-Pairs, F/UTP, CMR

10GX52F Datasheet (PDF)

Go To PDF Page Download Datasheet
10GX52F Datasheet PDF - Belden Inc.

Part # 10GX52F
Download  10GX52F Click to download

File Size   258.15 Kbytes
Page   4 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description CAT6A (625MHz), 4 Nonbonded-Pairs, F/UTP, CMR

10GX52F Datasheet (HTML) - Belden Inc.




Similar Part No. - 10GX52F

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
10GX53F BELDEN-10GX53F Datasheet
252Kb / 4P
CAT6A (625MHz), 4 Unbonded Pairs, F/UTP-Foil Shielded, CMP
10GX53F0041000 BELDEN-10GX53F0041000 Datasheet
252Kb / 4P
CAT6A (625MHz), 4 Unbonded Pairs, F/UTP-Foil Shielded, CMP
10GX53F0081000 BELDEN-10GX53F0081000 Datasheet
252Kb / 4P
CAT6A (625MHz), 4 Unbonded Pairs, F/UTP-Foil Shielded, CMP
10GX53F0091000 BELDEN-10GX53F0091000 Datasheet
252Kb / 4P
CAT6A (625MHz), 4 Unbonded Pairs, F/UTP-Foil Shielded, CMP
10GX53F0101000 BELDEN-10GX53F0101000 Datasheet
252Kb / 4P
CAT6A (625MHz), 4 Unbonded Pairs, F/UTP-Foil Shielded, CMP
More results


Similar Description - 10GX52F

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
10GX53F BELDEN-10GX53F Datasheet
252Kb / 4P
CAT6A (625MHz), 4 Unbonded Pairs, F/UTP-Foil Shielded, CMP
10GX62F BELDEN-10GX62F Datasheet
266Kb / 4P
CAT6A 10GX Bonded-Pair, 4pr, F/UTP, PVC Jkt, CMR
10GXS12 BELDEN-10GXS12 Datasheet
261Kb / 4P
CAT6A 10GX Small Diameter, 4pr, UTP, PVC Jkt, CMR
10GXS32 BELDEN-10GXS32 Datasheet
256Kb / 4P
Category 6A Enhanced (625MHz), 4 Bonded-Pairs, U/UTP, CMR
10GXS33 BELDEN-10GXS33 Datasheet
257Kb / 4P
Category 6A Enhanced (625MHz), 4 Bonded-Pairs, U/UTP, CMP
1212F BELDEN-1212F Datasheet
163Kb / 3P
Category 5E Cable, 4 Pair, F/UTP, CMR
2022 Belden, Inc
1533R BELDEN-1533R Datasheet
161Kb / 3P
Category 5e Cable, 4 Pair, F/UTP, CMR
2022 Belden, Inc
1700A BELDEN-1700A Datasheet
179Kb / 3P
Category 5E Cable, 4 Bonded-Pairs, U/UTP, CMR
2022 Belden, Inc
10GX32 BELDEN-10GX32 Datasheet
171Kb / 3P
10GX Category 6A Enhanced Cable, 4 Bonded-Pairs, U/UTP, CMR
2022 Belden, Inc
10GXW52 BELDEN-10GXW52 Datasheet
139Kb / 2P
10GXW (0.265”) Category 6A Cable, 4 Pair, F/UTP, CMR
2022 Belden, Inc
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com