Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10GX53F Datasheet (PDF) - Belden Inc.

10GX53F Datasheet PDF - Belden Inc.
Part # 10GX53F
Download  10GX53F Download
File Size   252.52 Kbytes
Page   4 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description CAT6A (625MHz), 4 Unbonded Pairs, F/UTP-Foil Shielded, CMP

10GX53F Datasheet (PDF)

Go To PDF Page Download Datasheet
10GX53F Datasheet PDF - Belden Inc.

Part # 10GX53F
Download  10GX53F Click to download

File Size   252.52 Kbytes
Page   4 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description CAT6A (625MHz), 4 Unbonded Pairs, F/UTP-Foil Shielded, CMP

10GX53F Datasheet (HTML) - Belden Inc.




Similar Part No. - 10GX53F

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
10GX52F BELDEN-10GX52F Datasheet
258Kb / 4P
CAT6A (625MHz), 4 Nonbonded-Pairs, F/UTP, CMR
10GX52F0021000 BELDEN-10GX52F0021000 Datasheet
258Kb / 4P
CAT6A (625MHz), 4 Nonbonded-Pairs, F/UTP, CMR
10GX52F0041000 BELDEN-10GX52F0041000 Datasheet
258Kb / 4P
CAT6A (625MHz), 4 Nonbonded-Pairs, F/UTP, CMR
10GX52F0061000 BELDEN-10GX52F0061000 Datasheet
258Kb / 4P
CAT6A (625MHz), 4 Nonbonded-Pairs, F/UTP, CMR
10GX52F0081000 BELDEN-10GX52F0081000 Datasheet
258Kb / 4P
CAT6A (625MHz), 4 Nonbonded-Pairs, F/UTP, CMR
More results


Similar Description - 10GX53F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2413F ETC2-2413F Datasheet
109Kb / 4P
CAT6, (350 MHz) 4-Pair, F/UTP-Foil Shielded, Plenum-CMP, Premise Horizontal Cable
logo
Belden Inc.
10GX52F BELDEN-10GX52F Datasheet
258Kb / 4P
CAT6A (625MHz), 4 Nonbonded-Pairs, F/UTP, CMR
10GX63F BELDEN-10GX63F Datasheet
265Kb / 4P
CAT6A 10GX Bonded-Pair, 4pr, F/UTP, LS-PVC Jkt, CMP
10GXS32 BELDEN-10GXS32 Datasheet
256Kb / 4P
Category 6A Enhanced (625MHz), 4 Bonded-Pairs, U/UTP, CMR
10GXS33 BELDEN-10GXS33 Datasheet
257Kb / 4P
Category 6A Enhanced (625MHz), 4 Bonded-Pairs, U/UTP, CMP
1213F BELDEN-1213F Datasheet
166Kb / 3P
Category 5E Cable, 4 Pair, F/UTP, CMP
2022 Belden, Inc
1533P BELDEN-1533P Datasheet
162Kb / 3P
Category 5e Cable, 4 Pair, F/UTP, CMP
2022 Belden, Inc
1701A BELDEN-1701A Datasheet
180Kb / 3P
Category 5E Cable, 4 Bonded-Pairs, U/UTP, CMP
2022 Belden, Inc
10GX33 BELDEN-10GX33 Datasheet
168Kb / 3P
10GX Category 6A Enhanced Cable, 4 Bonded-Pairs, U/UTP, CMP
2022 Belden, Inc
1352A BELDEN-1352A Datasheet
167Kb / 3P
Category 6 Cable, 4 Pair, F/UTP, CMP
01-20-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com