Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1352A Datasheet (PDF) - Belden Inc.

1352A Datasheet PDF - Belden Inc.
Part # 1352A
Download  1352A Download
File Size   167.89 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Category 6 Cable, 4 Pair, F/UTP, CMP

1352A Datasheet (PDF)

Go To PDF Page Download Datasheet
1352A Datasheet PDF - Belden Inc.

Part # 1352A
Download  1352A Click to download

File Size   167.89 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Category 6 Cable, 4 Pair, F/UTP, CMP

1352A Datasheet (HTML) - Belden Inc.


1352A Product details

Product Description
Category 6 Premise Horizontal Cable (250MHz), 4 Pair, 23 AWG Solid Bare Copper Conductors, F/UTP - Foil Shielded, Plenum-CMP, Flamarrest® PVC-LS
Jacket




Similar Part No. - 1352A

ManufacturerPart #DatasheetDescription
logo
Adafruit Industries
1352 ADAFRUIT-1352 Datasheet
151Kb / 3P
4-Way 2.1mm DC Barrel Jack Splitter
11/12/2015
logo
List of Unclassifed Man...
1352-1 ETC2-1352-1 Datasheet
485Kb / 1P
MICRO PINS
logo
RCD COMPONENTS INC.
13520-100 RCD-13520-100 Datasheet
47Kb / 1P
PRECISION POWER WIREWOUND RESISTORS SILICONE COATED 1/2 WATT TO 50 WATT
13520-102 RCD-13520-102 Datasheet
47Kb / 1P
PRECISION POWER WIREWOUND RESISTORS SILICONE COATED 1/2 WATT TO 50 WATT
13520-1R0 RCD-13520-1R0 Datasheet
47Kb / 1P
PRECISION POWER WIREWOUND RESISTORS SILICONE COATED 1/2 WATT TO 50 WATT
More results


Similar Description - 1352A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
2413 BELDEN-2413 Datasheet
274Kb / 3P
Category 6 Enhanced Cable, 4 Pair, U/UTP, CMP
1212F BELDEN-1212F Datasheet
163Kb / 3P
Category 5E Cable, 4 Pair, F/UTP, CMR
2022 Belden, Inc
1213 BELDEN-1213 Datasheet
175Kb / 3P
Category 5E Cable, 4 Pair, U/UTP, CMP
2022 Belden, Inc
1213F BELDEN-1213F Datasheet
166Kb / 3P
Category 5E Cable, 4 Pair, F/UTP, CMP
2022 Belden, Inc
1533P BELDEN-1533P Datasheet
162Kb / 3P
Category 5e Cable, 4 Pair, F/UTP, CMP
2022 Belden, Inc
1585LC BELDEN-1585LC Datasheet
179Kb / 2P
Category 5e Cable, 4 Pair, U/UTP, LC, CMP
2022 Belden, Inc
10GXW53 BELDEN-10GXW53 Datasheet
143Kb / 2P
10GXW (0.265”) Category 6A Cable, 4 Pair, F/UTP, CMP
2022 Belden, Inc
DOSP6F BELDEN-DOSP6F Datasheet
158Kb / 3P
Category 6 OSP Cable, 4 Pair, F/UTP, Gel Free
2022 Belden, Inc
IOP6F BELDEN-IOP6F Datasheet
158Kb / 3P
Category 6 Indoor/Outdoor Cable, 4 Pair, F/UTP, CMP/CMX, Gel Free
2022 Belden, Inc
M58183 BELDEN-M58183 Datasheet
238Kb / 3P
Mohawk Category 6 Cable, 4 Pair, F/UTP, CMP
2022 Belden, Inc
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com