Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STD9N10T4 Datasheet (PDF) - STMicroelectronics

STD9N10T4 Datasheet PDF - STMicroelectronics
Part # STD9N10T4
Download  STD9N10T4 Download
File Size   278.05 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-CHANNEL 100V - 0.23 ohm - 9A DPAK/IPAK POWER MOS TRANSISTOR

STD9N10T4 Datasheet (PDF)

Go To PDF Page Download Datasheet
STD9N10T4 Datasheet PDF - STMicroelectronics

Part # STD9N10T4
Download  STD9N10T4 Click to download

File Size   278.05 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-CHANNEL 100V - 0.23 ohm - 9A DPAK/IPAK POWER MOS TRANSISTOR

STD9N10T4 Datasheet (HTML) - STMicroelectronics


STD9N10T4 Product details

FEATURES SUMMARY
■ TYPICAL RDS(on) = 0.23 Ω
■ AVALANCHE RUGGED TECHNOLOGY
■ 100% AVALANCHE TESTED
■ REPETITIVE AVALANCHE DATA AT 100°C
■ LOW GATE CHARGE
■ HIGH CURRENT CAPABILITY
■ 175°C OPERATING TEMPERATURE
■ APPLICATION ORIENTED CHARACTERIZATION
■ THROUGH-HOLE IPAK (TO-251) POWER PACKAGE IN TUBE (SUFFIX "-1")
■ SURFACE-MOUNTING DPAK (TO-252) POWER PACKAGE IN TAPE & REEL (SUFFIX "T4")

APPLICATIONS
■ HIGH CURRENT, HIGH SPEED SWITCHING
■ SOLENOID AND RELAY DRIVERS
■ REGULATORS
■ DC-DC & DC-AC CONVERTERS
■ MOTOR CONTROL, AUDIO AMPLIFIERS
■ AUTOMOTIVE ENVIRONMENT (INJECTION, ABS, AIR-BAG, LAMPDRIVERS, Etc.)




Similar Part No. - STD9N10T4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD9N10 STMICROELECTRONICS-STD9N10 Datasheet
129Kb / 10P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
Mar-1996
logo
Inchange Semiconductor ...
STD9N10 ISC-STD9N10 Datasheet
360Kb / 2P
isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
STD9N10-1 VBSEMI-STD9N10-1 Datasheet
1Mb / 9P
N-Channel 100-V (D-S) MOSFET
logo
STMicroelectronics
STD9N10L STMICROELECTRONICS-STD9N10L Datasheet
66Kb / 6P
N - CHANNEL 100V - 0.22ohm - 9A IPAK/DPAK POWER MOS TRANSISTOR
Apr-2000
More results


Similar Description - STD9N10T4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD10NF10 STMICROELECTRONICS-STD10NF10 Datasheet
458Kb / 14P
N-CHANNEL 100V - 0.115 ohm - 13A IPAK/DPAK LOW GATE CHARGE STripFET™ II POWER MOSFET
07-Aug-2006
STD16NE10 STMICROELECTRONICS-STD16NE10 Datasheet
88Kb / 9P
N - CHANNEL 100V - 0.07ohm - 16A - IPAK/DPAK STripFET MOSFET
Jul-1998
STD16NE10L STMICROELECTRONICS-STD16NE10L Datasheet
444Kb / 6P
N - CHANNEL 100V - 0.07 ohm - 16A DPAK STripFET POWER MOSFET
May-2000
STD20NF10 STMICROELECTRONICS-STD20NF10 Datasheet
303Kb / 9P
N-CHANNEL 100V - 0.038 ohm - 25A IPAK/DPAK LOW GATE CHARGE STripFET™ II POWER MOSFET
Oct-2002
STD5NE10L STMICROELECTRONICS-STD5NE10L Datasheet
43Kb / 6P
N - CHANNEL 100V - 0.3 ohm - 5A - DPAK/IPAK STripFET POWER MOSFET
Oct-1998
STD6NF10 STMICROELECTRONICS-STD6NF10 Datasheet
266Kb / 9P
N-CHANNEL 100V - 0.22 ohm - 6A IPAK/DPAK LOW GATE CHARGE STripFET™ POWER MOSFET
Jun-2001
STD9N10L STMICROELECTRONICS-STD9N10L Datasheet
66Kb / 6P
N - CHANNEL 100V - 0.22ohm - 9A IPAK/DPAK POWER MOS TRANSISTOR
Apr-2000
STS2NF100 STMICROELECTRONICS-STS2NF100 Datasheet
284Kb / 8P
N-CHANNEL 100V - 0.23 ohm - 6A SO-8 STripFET™ II POWER MOSFET
Oct-2002
logo
Intersil Corporation
BUZ72A INTERSIL-BUZ72A Datasheet
45Kb / 6P
9A, 100V, 0.250 Ohm, N-Channel Power MOSFET
June 1999
logo
STMicroelectronics
STD70NH02L STMICROELECTRONICS-STD70NH02L Datasheet
490Kb / 16P
N-CHANNEL 24V - 0.0062 Ohm - 60A IPAK/DPAK STripFET II Power MOSFET
19-Jul-2006
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com