Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STD16NE10 Datasheet (PDF) - STMicroelectronics

STD16NE10 Datasheet PDF - STMicroelectronics
Part # STD16NE10
Download  STD16NE10 Download
File Size   88.74 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N - CHANNEL 100V - 0.07ohm - 16A - IPAK/DPAK STripFET MOSFET

STD16NE10 Datasheet (PDF)

Go To PDF Page Download Datasheet
STD16NE10 Datasheet PDF - STMicroelectronics

Part # STD16NE10
Download  STD16NE10 Click to download

File Size   88.74 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N - CHANNEL 100V - 0.07ohm - 16A - IPAK/DPAK STripFET MOSFET

STD16NE10 Datasheet (HTML) - STMicroelectronics


STD16NE10 Product details

DESCRIPTION

This Power MOSFET is the latest development of SGS-THOMSON unique ”Single Feature Size” strip-based process.The resulting transistor shows extremely high packing density for low onresistance, rugged avalanche characteristics and less critical alignment steps therefore a remarkable manufacturingreproducibility.



■ TYPICAL RDS(on) = 0.07 Ω

■ EXCEPTIONAL dv/dt CAPABILITY

■ AVALANCHERUGGED TECHNOLOGY

■ 100% AVALANCHE TESTED

■ APPLICATION ORIENTED CHARACTERIZATION

■ THROUG-HOLE IPAK (TO-251) POWER PACKAGE IN TUBE (SUFFIX ”-1”)

■ SURFACE-MOUNTING DPAK (TO-252) POWER PACKAGE IN TAPE & REEL (SUFFIX ”T4”)



APPLICATIONS

■ DC MOTOR CONTROL (DISK DRIVERS,etc.)

■ DC-DC & DC-ACCONVERTERS

■ SYNCHRONOUS RECTIFICATION



 




Similar Part No. - STD16NE10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD16NE10L STMICROELECTRONICS-STD16NE10L Datasheet
444Kb / 6P
N - CHANNEL 100V - 0.07 ohm - 16A DPAK STripFET POWER MOSFET
May-2000
STD16NE10LT4 STMICROELECTRONICS-STD16NE10LT4 Datasheet
444Kb / 6P
N - CHANNEL 100V - 0.07 ohm - 16A DPAK STripFET POWER MOSFET
May-2000
More results


Similar Description - STD16NE10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD16NE06 STMICROELECTRONICS-STD16NE06 Datasheet
91Kb / 9P
N - CHANNEL 60V - 0.07ohm - 16A DPAK/IPAK STripFET POWER MOSFET
Feb-2000
STD16NE10L STMICROELECTRONICS-STD16NE10L Datasheet
444Kb / 6P
N - CHANNEL 100V - 0.07 ohm - 16A DPAK STripFET POWER MOSFET
May-2000
STD17NE03L STMICROELECTRONICS-STD17NE03L Datasheet
92Kb / 9P
N - CHANNEL 30V - 0.034ohm - 17A - DPAK/IPAK STripFET POWER MOSFET
Jun-1999
STD17NF03L STMICROELECTRONICS-STD17NF03L Datasheet
264Kb / 9P
N-CHANNEL 30V - 0.038ohm - 17A - DPAK/IPAK STripFET™ POWER MOSFET
Aug-2000
STD30NF06L STMICROELECTRONICS-STD30NF06L Datasheet
461Kb / 10P
N-CHANNEL 60V - 0.022Ω - 35A DPAK/IPAK STripFET™ POWER MOSFET
Jul-2002
STD5NE10L STMICROELECTRONICS-STD5NE10L Datasheet
43Kb / 6P
N - CHANNEL 100V - 0.3 ohm - 5A - DPAK/IPAK STripFET POWER MOSFET
Oct-1998
STD6NF10 STMICROELECTRONICS-STD6NF10 Datasheet
266Kb / 9P
N-CHANNEL 100V - 0.22 ohm - 6A IPAK/DPAK LOW GATE CHARGE STripFET™ POWER MOSFET
Jun-2001
STP20NE10 STMICROELECTRONICS-STP20NE10 Datasheet
81Kb / 8P
N - CHANNEL 100V - 0.07ohm - 20A - TO-220 STripFET MOSFET
Jul-1998
STD100N03L-1 STMICROELECTRONICS-STD100N03L-1 Datasheet
240Kb / 14P
N-CHANNEL 30V - 0.0045??- 80A - DPAK - IPAK Planar STripFET??MOSFET
14-Sep-2005
CD00002847 STMICROELECTRONICS-CD00002847 Datasheet
405Kb / 13P
N-channel 60V - 0.07ohm - 16A - D2PAK STripFET Power MOSFET
26-Jun-2006
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com