Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP20NE10 Datasheet (PDF) - STMicroelectronics

STP20NE10 Datasheet PDF - STMicroelectronics
Part # STP20NE10
Download  STP20NE10 Download
File Size   81.31 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N - CHANNEL 100V - 0.07ohm - 20A - TO-220 STripFET MOSFET

STP20NE10 Datasheet (PDF)

Go To PDF Page Download Datasheet
STP20NE10 Datasheet PDF - STMicroelectronics

Part # STP20NE10
Download  STP20NE10 Click to download

File Size   81.31 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N - CHANNEL 100V - 0.07ohm - 20A - TO-220 STripFET MOSFET

STP20NE10 Datasheet (HTML) - STMicroelectronics


STP20NE10 Product details

DESCRIPTION
This Power MOSFET is the latest development of SGS-THOMSON unique ”Single Feature Size™” strip-based process.The resulting transistor shows extremely high packing density for low on-resistance, rugged avalanche characteristics and less critical alignment steps therefore a remarkable manufacturing reproducibility.

■ TYPICAL RDS(on) = 0.07 Ω
■ EXCEPTIONAL dv/dt CAPABILITY
■ 100% AVALANCHE TESTED
■ APPLICATION ORIENTED CHARACTERIZATION

APPLICATIONS
■ SOLENOID AND RELAY DRIVERS
■ MOTOR CONTROL, AUDIO AMPLIFIERS
■ DC-DC CONVERTERS
■ AUTOMOTIVE ENVIRONMENT




Similar Part No. - STP20NE10

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STP20NE10 ISC-STP20NE10 Datasheet
371Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - STP20NE10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD16NE10 STMICROELECTRONICS-STD16NE10 Datasheet
88Kb / 9P
N - CHANNEL 100V - 0.07ohm - 16A - IPAK/DPAK STripFET MOSFET
Jul-1998
STP20NE06L STMICROELECTRONICS-STP20NE06L Datasheet
104Kb / 9P
N - CHANNEL 60V - 0.06 ohm - 20A TO-220/TO-220FP STripFET POWER MOSFET
Apr-1999
STP22NE10L STMICROELECTRONICS-STP22NE10L Datasheet
83Kb / 8P
N - CHANNEL 100V - 0.07 ohm - 22A TO-220 STripFET POWER MOSFET
Nov-1999
STP24NF10 STMICROELECTRONICS-STP24NF10 Datasheet
48Kb / 6P
N - CHANNEL 100V - 0.07ohm - 24A TO-220 LOW GATE CHARGE STripFET POWER MOSFET
Apr-2000
STP50NE10L STMICROELECTRONICS-STP50NE10L Datasheet
86Kb / 8P
N - CHANNEL 100V - 0.020ohm - 50A TO-220 STripFET POWER MOSFET
May-1999
STP60NE10 STMICROELECTRONICS-STP60NE10 Datasheet
108Kb / 9P
N - CHANNEL 100V - 0.016W - 60A TO-220/TO-220FP STripFET] POWER MOSFET
May-1999
STP7NE10 STMICROELECTRONICS-STP7NE10 Datasheet
50Kb / 5P
N - CHANNEL 100V - 0.3 ohm - 7A - TO-220 STripFET POWER MOSFET
Oct-1999
STP7NE10L STMICROELECTRONICS-STP7NE10L Datasheet
50Kb / 5P
N - CHANNEL 100V - 0.3 ohm - 7A - TO-220 STripFET POWER MOSFET
Oct-1999
STP20NF06 STMICROELECTRONICS-STP20NF06 Datasheet
275Kb / 10P
N-CHANNEL 60V - 0.06ohm - 20A TO-220/TO-220FP STripFET II POWER MOSFET
07-Nov-2004
STP50NE10 STMICROELECTRONICS-STP50NE10 Datasheet
232Kb / 8P
N-channel 100V - 0.021??- 50A TO-220 STripFET™Power MOSFET
Apr-1999
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com