Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE7763EB Datasheet (PDF) - Analog Devices

EVAL-ADE7763EB Datasheet PDF - Analog Devices
Part # EVAL-ADE7763EB
Download  EVAL-ADE7763EB Download
File Size   1328.04 Kbytes
Page   56 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Single-Phase Active and Apparent Energy Metering IC

EVAL-ADE7763EB Datasheet (PDF)

Go To PDF Page Download Datasheet
EVAL-ADE7763EB Datasheet PDF - Analog Devices

Part # EVAL-ADE7763EB
Download  EVAL-ADE7763EB Click to download

File Size   1328.04 Kbytes
Page   56 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Single-Phase Active and Apparent Energy Metering IC

EVAL-ADE7763EB Datasheet (HTML) - Analog Devices


EVAL-ADE7763EB Product details

GENERAL DESCRIPTION

The ADE77631 features proprietary ADCs and fixed function DSP for high accuracy over large variations in environmental conditions and time. The ADE7763 incorporates two second order, 16-bit Σ-∆ ADCs, a digital integrator (on Ch1), reference circuitry, a temperature sensor, and all the signal processing  required to perform active and apparent energy measurements, line-voltage period measurements, and rms calculation on the voltage and current channels. The selectable on-chip digital integrator provides direct interface to di/dt current sensors such as Rogowski coils, eliminating the need for an external analog integrator and resulting in excellent long-term stability and precise phase matching between the current and the voltage channels.



FEATURES

  High accuracy; supports IEC 61036/60687, IEC62053-21, and IEC62053-22

  On-chip digital integrator enables direct interface-to-current sensors with di/dt output

  A PGA in the current channel allows direct interface to shunts and current transformers

  Active and apparent energy, sampled waveform, and current and voltage rms

  Less than 0.1% error in active energy measurement over a dynamic range of 1000 to 1 at 25°C

  Positive-only energy accumulation mode available

  On-chip user programmable threshold for line voltage surge and SAG and PSU supervisory

  Digital calibration for power, phase, and input offset

  On-chip temperature sensor (±3°C typical)

  SPI®-compatible serial interface

  Pulse output with programmable frequency

  Interrupt request pin (IRQ) and status register

  Reference 2.4 V with external overdrive capability

  Single 5 V supply, low power (25 mW typical)



 




Similar Part No. - EVAL-ADE7763EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-ADE7763ZEB AD-EVAL-ADE7763ZEB Datasheet
828Kb / 56P
Single-Phase Active and Apparent Energy Metering IC
REV. C
More results


Similar Description - EVAL-ADE7763EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADE7753 AD-ADE7753 Datasheet
449Kb / 37P
Active and Apparent Energy Metering IC with di/dt sensor interface
ADE7756 AD-ADE7756 Datasheet
347Kb / 32P
Active Energy Metering IC with Serial Interface
REV.0
logo
STMicroelectronics
STPM01 STMICROELECTRONICS-STPM01 Datasheet
775Kb / 56P
Programmable single phase energy metering IC
24-Oct-2006
logo
Analog Devices
ADE7858 AD-ADE7858 Datasheet
1Mb / 76P
Poly Phase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
Rev. PrA
ADE7878 AD-ADE7878 Datasheet
1Mb / 92P
Polyphase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
REV. 0
ADE7763 AD-ADE7763_13 Datasheet
828Kb / 56P
Single-Phase Active and Apparent Energy Metering IC
REV. C
ADE7756 AD-ADE7756_15 Datasheet
797Kb / 32P
Active Energy Metering IC with Serial Interface
REV. 0
ADE7763 AD-ADE7763_15 Datasheet
828Kb / 56P
Single-Phase Active and Apparent Energy Metering IC
REV. C
logo
Sames
SA9903B SAMES-SA9903B_17 Datasheet
530Kb / 17P
Single Phase Multifunction Energy Metering IC
SA9904B SAMES-SA9904B_17 Datasheet
552Kb / 18P
Three Phase Multifunction Energy Metering IC
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com