Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7938A Datasheet (PDF) - Belden Inc.

7938A Datasheet PDF - Belden Inc.
Part # 7938A
Download  7938A Download
File Size   274.51 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description DataTuff짰 5e, 4 Bonded-Pr #24 Str Alloy, PO Ins, OSTC Brd, TPE Jkt, TPE Jkt, High Flex AWM 20606

7938A Datasheet (PDF)

Go To PDF Page Download Datasheet
7938A Datasheet PDF - Belden Inc.

Part # 7938A
Download  7938A Click to download

File Size   274.51 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description DataTuff짰 5e, 4 Bonded-Pr #24 Str Alloy, PO Ins, OSTC Brd, TPE Jkt, TPE Jkt, High Flex AWM 20606

7938A Datasheet (HTML) - Belden Inc.




Similar Part No. - 7938A

ManufacturerPart #DatasheetDescription
logo
Wixroyd Group Ltd
79380 WIXROYD-79380 Datasheet
246Kb / 1P
Pull Handle, Angled
More results


Similar Description - 7938A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
7905A BELDEN-7905A Datasheet
285Kb / 3P
DataTuff짰 5e, 4 Pr #24 Str TC, PO Ins, TPE Jkt, Flexible CMR
7921A BELDEN-7921A Datasheet
282Kb / 3P
DataTuff짰 5e, 4 Bonded-Pr #24 Sol BC, PO Ins, OSTC Brd, PVC Jkt, CMR CMX-Outdoor
7924A BELDEN-7924A Datasheet
273Kb / 3P
DataTuff짰 5e, 4 Bonded-Pr #24 Str TC, PO Ins, PVC Jkt, CMX-Outdoor CMR
7929A BELDEN-7929A Datasheet
279Kb / 3P
DataTuff짰 5e, 4 Bonded-Pr #24 Sol BC, PO Ins, OS, PVC Jkt, CMR CMG
7939A BELDEN-7939A Datasheet
277Kb / 3P
DataTuff짰 5e, 4 Bonded-Pr #24 Str BC, PO Ins, OS, PVC Jkt, CMX-Outdoor CMR
7957A BELDEN-7957A Datasheet
283Kb / 3P
DataTuff짰 5e, 4 Bonded-Pr #24 Sol BC, PO Ins, OSTC Brd, PVC Jkt, CMR CMX-Outdoor
7958A BELDEN-7958A Datasheet
280Kb / 3P
DataTuff짰 5e, 4 Bonded-Pr #23 Sol BC, PO Ins, OS, PVC Jkt, CMR AWM 21047
7937A BELDEN-7937A Datasheet
273Kb / 3P
DataTuff짰 5e, 4 Bonded-Pr #24 Sol BC, PO Ins, OS, PO Jkt, PO Jkt, OSP BURIAL
7962A BELDEN-7962A Datasheet
253Kb / 3P
DataTuff짰 5e, Quad (2 Pr) #22 Str TC, PO Ins, OSTC Brd, TPE Jkt, CM CMX-Outdoor
IEA004 BELDEN-IEA004 Datasheet
185Kb / 3P
DataTuff® 6A, High Flex, 4 Pr #24 Str TC, PO Ins, OS, TPE Jkt, CMR, CMX
2022 Belden, Inc
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com