Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK459 Datasheet (PDF) - Sanyo Semicon Device

STK459 Datasheet PDF - Sanyo Semicon Device
Part # STK459
Download  STK459 Download
File Size   46.66 Kbytes
Page   1 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 2 POWER 2 CHANNEL 10 to 30W min AF POWER AMP

STK459 Datasheet (PDF)

Go To PDF Page Download Datasheet
STK459 Datasheet PDF - Sanyo Semicon Device

Part # STK459
Download  STK459 Click to download

File Size   46.66 Kbytes
Page   1 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 2 POWER 2 CHANNEL 10 to 30W min AF POWER AMP

STK459 Datasheet (HTML) - Sanyo Semicon Device


STK459 Product details

Features



1. IMST, 2 Channels by 2 Power Suppliers.



2. AF output Power : STK-463 : 30W min, ...






Similar Part No. - STK459

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK459 SANYO-STK459 Datasheet
32Kb / 1P
Power Amplifier 2 x 15W
More results


Similar Description - STK459

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE15034 NTE-NTE15034 Datasheet
20Kb / 2P
Integrated Circuit Module - AF Power Amp, 2-Channel, 100W Min
NTE7029 NTE-NTE7029 Datasheet
22Kb / 2P
Integrated Circuit Module - AF Power Amp, 2-Channel, 100W Min
logo
Sanyo Semicon Device
LA4558 SANYO-LA4558 Datasheet
282Kb / 8P
2-Channel AF Power Amp
STK4171X SANYO-STK4171X Datasheet
72Kb / 3P
2-Channel AF Power Amp
STK4273 SANYO-STK4273 Datasheet
133Kb / 3P
2 Channel AF Power Amp
STK4803 SANYO-STK4803 Datasheet
162Kb / 3P
20W MIN 2 CHANNEL AF POWER AMPLIFIER
STK441 SANYO-STK441 Datasheet
152Kb / 4P
20W MIN 2 CHANNEL AF POWER AMPLIFIER
logo
List of Unclassifed Man...
STK4101II ETC-STK4101II Datasheet
104Kb / 2P
2-CHANNEL AF POWER AMP
STK4703 ETC1-STK4703 Datasheet
158Kb / 1P
2-CHANNEL 10 TO 50W MIN AF POWER AMP.(DUAL-SUPPLY)
logo
Sanyo Semicon Device
STK4101V SANYO-STK4101V Datasheet
119Kb / 1P
2-CHANNEL 6W MIN TO 50W MIN AF POWER AMP (DUAL-SUPPLY)
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com