Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK441 Datasheet (PDF) - Sanyo Semicon Device

STK441 Datasheet PDF - Sanyo Semicon Device
Part # STK441
Download  STK441 Download
File Size   152.78 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 20W MIN 2 CHANNEL AF POWER AMPLIFIER

STK441 Datasheet (PDF)

Go To PDF Page Download Datasheet
STK441 Datasheet PDF - Sanyo Semicon Device

Part # STK441
Download  STK441 Click to download

File Size   152.78 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 20W MIN 2 CHANNEL AF POWER AMPLIFIER

STK441 Datasheet (HTML) - Sanyo Semicon Device


STK441 Product details

2-Channel AF Power Amplifier (20W+20W min, THD = 1.0%)



Features

• Small and slim package with 31mm height

• Pin compatible with STK430 series heretofore in use

• Greatly reduced heat sink due to case temperature 125°C guaranteed

• Excellent cost performance




Similar Part No. - STK441

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK441 ETC-STK441 Datasheet
134Kb / 1P
THICK FILM HYBRID IC
STK441-XXX ETC-STK441-XXX Datasheet
134Kb / 1P
THICK FILM HYBRID IC
logo
Sanyo Semicon Device
STK4412 SANYO-STK4412 Datasheet
217Kb / 7P
2-Channel AF Power Amplifier (20W20W min, THD = 1.0%)
logo
List of Unclassifed Man...
STK4412 ETC1-STK4412 Datasheet
1Mb / 19P
Features of the IMST Hybird ICs
More results


Similar Description - STK441

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1317 NTE-NTE1317 Datasheet
23Kb / 2P
Integrated Circuit Module, 2 Power, 2 Channel, AF Power Amplifier, 50W Min.
logo
Sanyo Semicon Device
STK400-030 SANYO-STK400-030 Datasheet
183Kb / 6P
AF Power Amplifier (Split Power Supply) (20W20W20W, THD = 0.4%)
STK401-100 SANYO-STK401-100 Datasheet
301Kb / 8P
2-Channel, 60W min AF Power Amplifier (Split Power Supply)
STK405-030 SANYO-STK405-030 Datasheet
151Kb / 6P
2ch AF Power Amplifier (Split Power Supply) 20W 20 W min, THD =10%?????????
STK4211V SANYO-STK4211V Datasheet
58Kb / 3P
2-Channel 70 W min AF Power Amplifier (Split Power Supply)
STK4221V SANYO-STK4221V Datasheet
58Kb / 3P
2-Channel 80 W min AF Power Amplifier (Split Power Supply)
STK4412 SANYO-STK4412 Datasheet
217Kb / 7P
2-Channel AF Power Amplifier (20W20W min, THD = 1.0%)
STK4803 SANYO-STK4803 Datasheet
162Kb / 3P
20W MIN 2 CHANNEL AF POWER AMPLIFIER
logo
List of Unclassifed Man...
STK2155 ETC-STK2155 Datasheet
84Kb / 2P
2 CHANNEL 50W MIN AF POWER AMPLIFIER OUTPUT STAGE
logo
ON Semiconductor
LA4708N ONSEMI-LA4708N Datasheet
133Kb / 9P
20W 2-channel BTL AF Power Amplifier for Car Stereo
March, 2014
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com