Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK4412 Datasheet (PDF) - Sanyo Semicon Device

STK4412 Datasheet PDF - Sanyo Semicon Device
Part # STK4412
Download  STK4412 Download
File Size   217.8 Kbytes
Page   7 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 2-Channel AF Power Amplifier (20W20W min, THD = 1.0%)

STK4412 Datasheet (PDF)

Go To PDF Page Download Datasheet
STK4412 Datasheet PDF - Sanyo Semicon Device

Part # STK4412
Download  STK4412 Click to download

File Size   217.8 Kbytes
Page   7 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 2-Channel AF Power Amplifier (20W20W min, THD = 1.0%)

STK4412 Datasheet (HTML) - Sanyo Semicon Device


STK4412 Product details

2-Channel AF Power Amplifier (20W+20W min, THD = 1.0%)



Features

• Small and slim package with 31mm height

• Pin compatible with STK430 series heretofore in use

• Greatly reduced heat sink due to case temperature 125°C guaranteed

• Excellent cost performance




Similar Part No. - STK4412

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK4412 ETC1-STK4412 Datasheet
1Mb / 19P
Features of the IMST Hybird ICs
More results


Similar Description - STK4412

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK400-030 SANYO-STK400-030 Datasheet
183Kb / 6P
AF Power Amplifier (Split Power Supply) (20W20W20W, THD = 0.4%)
STK405-030 SANYO-STK405-030 Datasheet
151Kb / 6P
2ch AF Power Amplifier (Split Power Supply) 20W 20 W min, THD =10%?????????
STK4132II SANYO-STK4132II Datasheet
330Kb / 8P
2ch AF Power Amplifier (Split Power Supply) 20W 20 W, THD =1%??????????
STK4332 SANYO-STK4332 Datasheet
460Kb / 6P
AF Power Amplifier (5W 5W min, THD = 1.0%)
STK4352 SANYO-STK4352 Datasheet
465Kb / 6P
AF Power Amplifier (7W 7W min, THD = 1.0%)
STK4362 SANYO-STK4362 Datasheet
441Kb / 6P
AF Power Amplifier (10W 10W min, THD = 1.0%)
STK4432 SANYO-STK4432 Datasheet
244Kb / 7P
AF Power Amplifier (25W 25W min, THD = 1.0%)
STK4803 SANYO-STK4803 Datasheet
162Kb / 3P
20W MIN 2 CHANNEL AF POWER AMPLIFIER
STK441 SANYO-STK441 Datasheet
152Kb / 4P
20W MIN 2 CHANNEL AF POWER AMPLIFIER
logo
ON Semiconductor
LA4708N ONSEMI-LA4708N Datasheet
133Kb / 9P
20W 2-channel BTL AF Power Amplifier for Car Stereo
March, 2014
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com