Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK4332 Datasheet (PDF) - Sanyo Semicon Device

STK4332 Datasheet PDF - Sanyo Semicon Device
Part # STK4332
Download  STK4332 Download
File Size   460.63 Kbytes
Page   6 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description AF Power Amplifier (5W 5W min, THD = 1.0%)

STK4332 Datasheet (PDF)

Go To PDF Page Download Datasheet
STK4332 Datasheet PDF - Sanyo Semicon Device

Part # STK4332
Download  STK4332 Click to download

File Size   460.63 Kbytes
Page   6 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description AF Power Amplifier (5W 5W min, THD = 1.0%)

STK4332 Datasheet (HTML) - Sanyo Semicon Device


STK4332 Product details

Features
• Small and slim package with 25.5 mm height.
• Capable of guaranteeing substrate temperature 125°C, thereby reducing heat sink.
• Excellent cost performance.




Similar Part No. - STK4332

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK4332 ETC1-STK4332 Datasheet
1Mb / 19P
Features of the IMST Hybird ICs
logo
Sanyo Semicon Device
STK4332V SANYO-STK4332V Datasheet
119Kb / 1P
2-CHANNEL 6W MIN TO 50W MIN AF POWER AMP (DUAL-SUPPLY)
More results


Similar Description - STK4332

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7496S STMICROELECTRONICS-TDA7496S Datasheet
187Kb / 10P
5W5W AMPLIFIER
January 2000
logo
Sanyo Semicon Device
STK4030II SANYO-STK4030II Datasheet
104Kb / 4P
AF Power Amplifier (Split Power Supply) (35W min, THD = 0.4%)?
STK4352 SANYO-STK4352 Datasheet
465Kb / 6P
AF Power Amplifier (7W 7W min, THD = 1.0%)
STK4362 SANYO-STK4362 Datasheet
441Kb / 6P
AF Power Amplifier (10W 10W min, THD = 1.0%)
STK4412 SANYO-STK4412 Datasheet
217Kb / 7P
2-Channel AF Power Amplifier (20W20W min, THD = 1.0%)
STK4432 SANYO-STK4432 Datasheet
244Kb / 7P
AF Power Amplifier (25W 25W min, THD = 1.0%)
logo
STMicroelectronics
TDA7496SSA STMICROELECTRONICS-TDA7496SSA Datasheet
534Kb / 12P
5W5W AMPLIFIER
Sep-2003
logo
ON Semiconductor
EN3309D ONSEMI-EN3309D Datasheet
103Kb / 9P
5W Power Amplifier
June, 2013
ENA2011A ONSEMI-ENA2011A Datasheet
371Kb / 8P
5W Power Amplifier
June, 2013
LA4425AN ONSEMI-LA4425AN Datasheet
98Kb / 10P
5W Power Amplifier
September 2014 - Rev. 0
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com