Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK4432 Datasheet (PDF) - Sanyo Semicon Device

STK4432 Datasheet PDF - Sanyo Semicon Device
Part # STK4432
Download  STK4432 Download
File Size   244.71 Kbytes
Page   7 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description AF Power Amplifier (25W 25W min, THD = 1.0%)

STK4432 Datasheet (PDF)

Go To PDF Page Download Datasheet
STK4432 Datasheet PDF - Sanyo Semicon Device

Part # STK4432
Download  STK4432 Click to download

File Size   244.71 Kbytes
Page   7 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description AF Power Amplifier (25W 25W min, THD = 1.0%)

STK4432 Datasheet (HTML) - Sanyo Semicon Device


STK4432 Product details

Features
• Small and slim package with 31 mm height
• Pin compatible with STK430 series heretofore in use
• Greatly reduced heat sink due to case temperature 125°C guaranteed
• Excellent cost performance




Similar Part No. - STK4432

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK4432 ETC1-STK4432 Datasheet
1Mb / 19P
Features of the IMST Hybird ICs
More results


Similar Description - STK4432

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK4030II SANYO-STK4030II Datasheet
104Kb / 4P
AF Power Amplifier (Split Power Supply) (35W min, THD = 0.4%)?
STK4036II SANYO-STK4036II Datasheet
69Kb / 3P
AF Power Amplifier (Split Power Supply) (50W min, THD = 0.4%)
STK4050II SANYO-STK4050II Datasheet
82Kb / 3P
AF Power Amplifier (Split Power Supply) (200W min, THD = 0.4%)
STK4065 SANYO-STK4065 Datasheet
395Kb / 9P
Car Stereo Use Power Amplifier (25W min, THD = 10%)
STK4141V SANYO-STK4141V Datasheet
375Kb / 5P
AF Power Amplifier (Split Power Supply) (25W 25W min, THD = 0.08%)
STK4199MK2 SANYO-STK4199MK2 Datasheet
721Kb / 7P
3-channel AF Power Amplifier (- Dual Power Supply) 25W50W25W
STK4332 SANYO-STK4332 Datasheet
460Kb / 6P
AF Power Amplifier (5W 5W min, THD = 1.0%)
STK4352 SANYO-STK4352 Datasheet
465Kb / 6P
AF Power Amplifier (7W 7W min, THD = 1.0%)
STK4362 SANYO-STK4362 Datasheet
441Kb / 6P
AF Power Amplifier (10W 10W min, THD = 1.0%)
STK4412 SANYO-STK4412 Datasheet
217Kb / 7P
2-Channel AF Power Amplifier (20W20W min, THD = 1.0%)
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com