Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK4065 Datasheet (PDF) - Sanyo Semicon Device

STK4065 Datasheet PDF - Sanyo Semicon Device
Part # STK4065
Download  STK4065 Download
File Size   395.56 Kbytes
Page   9 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Car Stereo Use Power Amplifier (25W min, THD = 10%)

STK4065 Datasheet (PDF)

Go To PDF Page Download Datasheet
STK4065 Datasheet PDF - Sanyo Semicon Device

Part # STK4065
Download  STK4065 Click to download

File Size   395.56 Kbytes
Page   9 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Car Stereo Use Power Amplifier (25W min, THD = 10%)

STK4065 Datasheet (HTML) - Sanyo Semicon Device


STK4065 Product details

Features
• High output power Maximum output power 40W or greater (RL = 2Ω)
   35W typ. (RL = 2Ω, THD = 10%)
   23W typ. (RL = 4Ω, THD = 10%)
• Low distortion
• Built-in protectors
    • DC short protector
    • Thermal shutdown protector (Thermal protector)
    • Overvoltage protector (Overvoltage / power supply surge protector)
    • Audio muting circuit (Fast attack time)
• Free from failure caused by load short
• Wide operating supply voltage range

Applications
• Power amplifier for car stereos
• Home karaoke systems




Similar Part No. - STK4065

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK4065 ETC1-STK4065 Datasheet
1Mb / 19P
Features of the IMST Hybird ICs
More results


Similar Description - STK4065

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK405-050 SANYO-STK405-050 Datasheet
154Kb / 6P
2ch AF Power Amplifier (Split Power Supply) 30W 30W min, THD =10%??????????
STK405-090 SANYO-STK405-090 Datasheet
153Kb / 6P
2ch AF Power Amplifier (Split Power Supply) 50W 50W min, THD =10%??????????
STK405-100 SANYO-STK405-100 Datasheet
87Kb / 4P
2ch AF Power Amplifier (Split Power Supply) 60W 60W min, THD =10%????????????
STK405-110 SANYO-STK405-110 Datasheet
87Kb / 4P
2ch AF Power Amplifier (Split Power Supply) 70W 70W min, THD =10%????????????
STK405-120 SANYO-STK405-120 Datasheet
151Kb / 6P
2ch AF Power Amplifier (Split Power Supply) 80W 80W min, THD =10%????????????
STK4141V SANYO-STK4141V Datasheet
375Kb / 5P
AF Power Amplifier (Split Power Supply) (25W 25W min, THD = 0.08%)
STK4332 SANYO-STK4332 Datasheet
460Kb / 6P
AF Power Amplifier (5W 5W min, THD = 1.0%)
STK4352 SANYO-STK4352 Datasheet
465Kb / 6P
AF Power Amplifier (7W 7W min, THD = 1.0%)
STK4362 SANYO-STK4362 Datasheet
441Kb / 6P
AF Power Amplifier (10W 10W min, THD = 1.0%)
STK4432 SANYO-STK4432 Datasheet
244Kb / 7P
AF Power Amplifier (25W 25W min, THD = 1.0%)
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com