Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCW66H Datasheet (PDF) - Nexperia B.V. All rights reserved

BCW66H Datasheet PDF - Nexperia B.V. All rights reserved
Part # BCW66H
Download  BCW66H Download
File Size   300.25 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 45 V, 800 mA NPN general-purpose transistor

BCW66H Datasheet (PDF)

Go To PDF Page Download Datasheet
BCW66H Datasheet PDF - Nexperia B.V. All rights reserved

Part # BCW66H
Download  BCW66H Click to download

File Size   300.25 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 45 V, 800 mA NPN general-purpose transistor

BCW66H Datasheet (HTML) - Nexperia B.V. All rights reserved


BCW66H Product details

General description
NPN general-purpose transistors in a small SOT23 (TO-236AB) Surface-Mounted Device (SMD) plastic package.

PNP complements: BCW68F/G/H

Features and benefits
• High current
• AEC-Q101 qualified

Applications
• General-purpose switching and amplification




Similar Part No. - BCW66H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BCW66H STMICROELECTRONICS-BCW66H Datasheet
39Kb / 4P
SMALL SIGNAL NPN TRANSISTORS
Oct-1997
logo
Zetex Semiconductors
BCW66H ZETEX-BCW66H Datasheet
39Kb / 2P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Siemens Semiconductor G...
BCW66H SIEMENS-BCW66H Datasheet
134Kb / 6P
NPN Silicon AF Transistors (For general AF applications High current gain)
logo
Micro Commercial Compon...
BCW66H MCC-BCW66H Datasheet
90Kb / 2P
NPN Small Signal Transistor 330mW
logo
Infineon Technologies A...
BCW66H INFINEON-BCW66H Datasheet
50Kb / 5P
NPN Silicon AF Transistor
Jul-10-2001
More results


Similar Description - BCW66H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC847BS NXP-BC847BS Datasheet
92Kb / 12P
45 V, 100 mA NPN/NPN general-purpose transistor
Rev. 03-18 February 2009
BC847BS NXP-BC847BS Datasheet
92Kb / 12P
45 V, 100 mA NPN/NPN general-purpose transistor
Rev. 03-18 February 2009
BC847QAS NXP-BC847QAS Datasheet
204Kb / 13P
45 V, 100 mA NPN/NPN general-purpose transistor
8 July 2015
logo
Nexperia B.V. All right...
BCW68 NEXPERIA-BCW68 Datasheet
272Kb / 13P
45 V, 800 mA PNP general-purpose transistor
BC847XQB-Q_SER NEXPERIA-BC847XQB-Q_SER Datasheet
241Kb / 13P
45 V, 100 mA NPN general-purpose transistor
Rev. 3 - 8 September 2021
BC847XQB_SER NEXPERIA-BC847XQB_SER Datasheet
241Kb / 13P
45 V, 100 mA NPN general-purpose transistor
Rev. 2 - 8 September 2021
BC847XQC-Q_SER NEXPERIA-BC847XQC-Q_SER Datasheet
260Kb / 13P
45 V, 100 mA NPN general-purpose transistor
Rev. 2 - 21 May 2021
BC847XQC_SER NEXPERIA-BC847XQC_SER Datasheet
232Kb / 13P
45 V, 100 mA NPN general-purpose transistor
Rev. 1 - 4 January 2021
BCW66X_SER NEXPERIA-BCW66X_SER Datasheet
299Kb / 14P
45 V, 800 mA NPN general-purpose transistor
Rev. 1 - 21 April 2017
BCW68X_SER NEXPERIA-BCW68X_SER Datasheet
270Kb / 13P
45 V, 800 mA PNP general-purpose transistor
Rev. 1 - 21 April 2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com