Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC847QAS Datasheet (PDF) - NXP Semiconductors

BC847QAS Datasheet PDF - NXP Semiconductors
Part # BC847QAS
Download  BC847QAS Download
File Size   204.25 Kbytes
Page   13 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 45 V, 100 mA NPN/NPN general-purpose transistor

BC847QAS Datasheet (PDF)

Go To PDF Page Download Datasheet
BC847QAS Datasheet PDF - NXP Semiconductors

Part # BC847QAS
Download  BC847QAS Click to download

File Size   204.25 Kbytes
Page   13 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 45 V, 100 mA NPN/NPN general-purpose transistor

BC847QAS Datasheet (HTML) - NXP Semiconductors


BC847QAS Product details

General description
NPN/NPN general-purpose transistor in a leadless ultra small DFN1010B-6 (SOT1216) Surface-Mounted Device (SMD) plastic package.

PNP/PNP complement: BC857QAS.
NPN/PNP complement: BC847QAPN.

Features and benefits
• Reduces component count
• Reduces pick and place costs
• AEC-Q101 qualified
• Low package height of 0.37 mm

Applications
• General-purpose switching and amplification
• Mobile applications




Similar Part No. - BC847QAS

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BC847QAS NEXPERIA-BC847QAS Datasheet
231Kb / 12P
45 V, 200 mA NPN/NPN general-purpose transistor
10 September 2018
More results


Similar Description - BC847QAS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC847BS NXP-BC847BS Datasheet
92Kb / 12P
45 V, 100 mA NPN/NPN general-purpose transistor
Rev. 03-18 February 2009
BC847DS NXP-BC847DS Datasheet
109Kb / 12P
45 V, 100 mA NPN/NPN general-purpose transistor
Rev. 01-25 August 2009
BC847BS NXP-BC847BS Datasheet
92Kb / 12P
45 V, 100 mA NPN/NPN general-purpose transistor
Rev. 03-18 February 2009
logo
Nexperia B.V. All right...
BC847BS-Q NEXPERIA-BC847BS-Q Datasheet
241Kb / 11P
45 V, 100 mA NPN/NPN general-purpose transistor
17 June 2021
BC847BS NEXPERIA-BC847BS Datasheet
239Kb / 11P
45 V, 100 mA NPN/NPN general-purpose transistor
1 July 2022
BC847DS NEXPERIA-BC847DS Datasheet
1Mb / 12P
45 V, 100 mA NPN/NPN general-purpose transistor
Rev. 01 - 25 August 2009
BC847XQB-Q_SER NEXPERIA-BC847XQB-Q_SER Datasheet
241Kb / 13P
45 V, 100 mA NPN general-purpose transistor
Rev. 3 - 8 September 2021
BC847XQB_SER NEXPERIA-BC847XQB_SER Datasheet
241Kb / 13P
45 V, 100 mA NPN general-purpose transistor
Rev. 2 - 8 September 2021
BC847XQC-Q_SER NEXPERIA-BC847XQC-Q_SER Datasheet
260Kb / 13P
45 V, 100 mA NPN general-purpose transistor
Rev. 2 - 21 May 2021
BC847XQC_SER NEXPERIA-BC847XQC_SER Datasheet
232Kb / 13P
45 V, 100 mA NPN general-purpose transistor
Rev. 1 - 4 January 2021
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com