Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC847QAS Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BC847QAS
Description  45 V, 100 mA NPN/NPN general-purpose transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BC847QAS Datasheet(HTML) 2 Page - NXP Semiconductors

  BC847QAS Datasheet HTML 1Page - NXP Semiconductors BC847QAS Datasheet HTML 2Page - NXP Semiconductors BC847QAS Datasheet HTML 3Page - NXP Semiconductors BC847QAS Datasheet HTML 4Page - NXP Semiconductors BC847QAS Datasheet HTML 5Page - NXP Semiconductors BC847QAS Datasheet HTML 6Page - NXP Semiconductors BC847QAS Datasheet HTML 7Page - NXP Semiconductors BC847QAS Datasheet HTML 8Page - NXP Semiconductors BC847QAS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
NXP Semiconductors
BC847QAS
45 V, 100 mA NPN/NPN general-purpose transistor
BC847QAS
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved
Product data sheet
8 July 2015
2 / 13
5. Pinning information
Table 2.
Pinning information
Pin
Symbol Description
Simplified outline
Graphic symbol
1
E1
emitter TR1
2
B1
base TR1
3
C2
collector TR2
4
E2
emitter TR2
5
B2
base TR2
6
C1
collector TR1
7
C1
collector TR1
8
C2
collector TR2
Transparent top view
1
6
7
8
2
3
5
4
DFN1010B-6 (SOT1216)
sym020
2
1
3
5
6
TR1
TR2
4
6. Ordering information
Table 3.
Ordering information
Package
Type number
Name
Description
Version
BC847QAS
DFN1010B-6
DFN1010B-6: plastic thermal enhanced ultra thin small outline
package; no leads; 6 terminals
SOT1216
7. Marking
Table 4.
Marking codes
Type number
Marking code
BC847QAS
00 01 00
MARKING CODE
(EXAMPLE)
PIN 1
INDICATION MARK
YEAR DATE
CODE
READING
DIRECTION
READING EXAMPLE:
11
01
10
aaa-007665
MARK-FREE AREA
Fig. 1. DFN1010B-6 (SOT1216) binary marking code description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com