Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2122A Datasheet (PDF) - Belden Inc.

2122A Datasheet PDF - Belden Inc.
Part # 2122A
Download  2122A Download
File Size   256.93 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Fieldbus, 12 Pr #18 Str TC, XLPO Ins, IS/OS, TPE Jkt, 600V TC-ER

2122A Datasheet (PDF)

Go To PDF Page Download Datasheet
2122A Datasheet PDF - Belden Inc.

Part # 2122A
Download  2122A Click to download

File Size   256.93 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Fieldbus, 12 Pr #18 Str TC, XLPO Ins, IS/OS, TPE Jkt, 600V TC-ER

2122A Datasheet (HTML) - Belden Inc.




Similar Part No. - 2122A

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2122A4MA MACOM-2122A4MA Datasheet
285Kb / 3P
Miniature Electropneumatic Timing Relay
2122A4MB MACOM-2122A4MB Datasheet
285Kb / 3P
Miniature Electropneumatic Timing Relay
2122A4MC MACOM-2122A4MC Datasheet
285Kb / 3P
Miniature Electropneumatic Timing Relay
2122A4NA MACOM-2122A4NA Datasheet
285Kb / 3P
Miniature Electropneumatic Timing Relay
2122A4NB MACOM-2122A4NB Datasheet
285Kb / 3P
Miniature Electropneumatic Timing Relay
More results


Similar Description - 2122A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
2119A BELDEN-2119A Datasheet
256Kb / 3P
Fieldbus, 2 Pr #18 Str TC, XLPO Ins, IS/OS, TPE Jkt, 600V TC-ER
2120A BELDEN-2120A Datasheet
256Kb / 3P
Fieldbus, 5 Pr #18 Str TC, XLPO Ins, IS/OS, TPE Jkt, 600V TC-ER
2121A BELDEN-2121A Datasheet
256Kb / 3P
Fieldbus, 8 Pr #18 Str TC, XLPO Ins, IS/OS, TPE Jkt, 600V TC-ER
2123A BELDEN-2123A Datasheet
256Kb / 3P
Fieldbus, 16 Pr #18 Str TC, XLPO Ins, IS/OS, TPE Jkt, 600V TC-ER
2124A BELDEN-2124A Datasheet
257Kb / 3P
Fieldbus, 20 Pr #18 Str TC, XLPO Ins, IS/OS, TPE Jkt, 600V TC-ER
2125A BELDEN-2125A Datasheet
256Kb / 3P
Fieldbus, 24 Pr #18 Str TC, XLPO Ins, IS/OS, TPE Jkt, 600V TC-ER
2126A BELDEN-2126A Datasheet
258Kb / 4P
Fieldbus, 50 Pr #18 Str TC, XLPO Ins, IS/OS, TPE Jkt, 600V TC-ER
2128A BELDEN-2128A Datasheet
262Kb / 3P
Fieldbus, 2 Pr #16 Str TC, XLPO Ins, IS/OS, TPE Jkt, 600V TC-ER
2131A BELDEN-2131A Datasheet
262Kb / 3P
Fieldbus, 12 Pr #16 Str TC, XLPO Ins, IS/OS, TPE Jkt, 600V TC-ER
2122T BELDEN-2122T Datasheet
154Kb / 1P
Fieldbus, 12 Pr #18 Str TC, XLPO Ins, IS/OS, LSZH Jkt, 600V TC-ER
12-22-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com