Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2120A Datasheet (PDF) - Belden Inc.

2120A Datasheet PDF - Belden Inc.
Part # 2120A
Download  2120A Download
File Size   256.51 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Fieldbus, 5 Pr #18 Str TC, XLPO Ins, IS/OS, TPE Jkt, 600V TC-ER

2120A Datasheet (PDF)

Go To PDF Page Download Datasheet
2120A Datasheet PDF - Belden Inc.

Part # 2120A
Download  2120A Click to download

File Size   256.51 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Fieldbus, 5 Pr #18 Str TC, XLPO Ins, IS/OS, TPE Jkt, 600V TC-ER

2120A Datasheet (HTML) - Belden Inc.




Similar Part No. - 2120A

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
2120A CML-2120A Datasheet
219Kb / 1P
Non-Relampable Neon Lights
logo
Visual Communications C...
2120A VCC-2120A Datasheet
62Kb / 1P
Non-Relampable Neon Lights
logo
Chicago Miniature Lamp,...
2120A1 CML-2120A1 Datasheet
219Kb / 1P
Non-Relampable Neon Lights
logo
Visual Communications C...
2120A1 VCC-2120A1 Datasheet
62Kb / 1P
Non-Relampable Neon Lights
logo
Chicago Miniature Lamp,...
2120A3 CML-2120A3 Datasheet
219Kb / 1P
Non-Relampable Neon Lights
More results


Similar Description - 2120A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
2119A BELDEN-2119A Datasheet
256Kb / 3P
Fieldbus, 2 Pr #18 Str TC, XLPO Ins, IS/OS, TPE Jkt, 600V TC-ER
2121A BELDEN-2121A Datasheet
256Kb / 3P
Fieldbus, 8 Pr #18 Str TC, XLPO Ins, IS/OS, TPE Jkt, 600V TC-ER
2122A BELDEN-2122A Datasheet
256Kb / 3P
Fieldbus, 12 Pr #18 Str TC, XLPO Ins, IS/OS, TPE Jkt, 600V TC-ER
2123A BELDEN-2123A Datasheet
256Kb / 3P
Fieldbus, 16 Pr #18 Str TC, XLPO Ins, IS/OS, TPE Jkt, 600V TC-ER
2124A BELDEN-2124A Datasheet
257Kb / 3P
Fieldbus, 20 Pr #18 Str TC, XLPO Ins, IS/OS, TPE Jkt, 600V TC-ER
2125A BELDEN-2125A Datasheet
256Kb / 3P
Fieldbus, 24 Pr #18 Str TC, XLPO Ins, IS/OS, TPE Jkt, 600V TC-ER
2126A BELDEN-2126A Datasheet
258Kb / 4P
Fieldbus, 50 Pr #18 Str TC, XLPO Ins, IS/OS, TPE Jkt, 600V TC-ER
2128A BELDEN-2128A Datasheet
262Kb / 3P
Fieldbus, 2 Pr #16 Str TC, XLPO Ins, IS/OS, TPE Jkt, 600V TC-ER
2129A BELDEN-2129A Datasheet
262Kb / 3P
Fieldbus, 5 Pr #16 Str TC, XLPO Ins, IS/OS, TPE Jkt, 600V TC-ER
2120T BELDEN-2120T Datasheet
155Kb / 1P
Fieldbus, 5 Pr #18 Str TC, XLPO Ins, IS/OS, LSZH Jkt, 600V TC-ER
12-22-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com