Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2120A Datasheet (PDF) - Chicago Miniature Lamp,inc

2120A Datasheet PDF - Chicago Miniature Lamp,inc
Part # 2120A
Download  2120A Download
File Size   219.45 Kbytes
Page   1 Pages
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc
Description Non-Relampable Neon Lights

2120A Datasheet (PDF)

Go To PDF Page Download Datasheet
2120A Datasheet PDF - Chicago Miniature Lamp,inc

Part # 2120A
Download  2120A Click to download

File Size   219.45 Kbytes
Page   1 Pages
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc
Description Non-Relampable Neon Lights

2120A Datasheet (HTML) - Chicago Miniature Lamp,inc




Similar Part No. - 2120A

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
2120A VCC-2120A Datasheet
62Kb / 1P
Non-Relampable Neon Lights
logo
Belden Inc.
2120A BELDEN-2120A Datasheet
256Kb / 3P
Fieldbus, 5 Pr #18 Str TC, XLPO Ins, IS/OS, TPE Jkt, 600V TC-ER
2120A0031000 BELDEN-2120A0031000 Datasheet
256Kb / 3P
Fieldbus, 5 Pr #18 Str TC, XLPO Ins, IS/OS, TPE Jkt, 600V TC-ER
2120A0035000 BELDEN-2120A0035000 Datasheet
256Kb / 3P
Fieldbus, 5 Pr #18 Str TC, XLPO Ins, IS/OS, TPE Jkt, 600V TC-ER
2120A0061000 BELDEN-2120A0061000 Datasheet
256Kb / 3P
Fieldbus, 5 Pr #18 Str TC, XLPO Ins, IS/OS, TPE Jkt, 600V TC-ER
More results


Similar Description - 2120A

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
1030QD CML-1030QD Datasheet
220Kb / 1P
Non-Relampable Neon Indicator Lights
1090QA CML-1090QA Datasheet
220Kb / 1P
Non-Relampable Neon Indicator Lights
2110QA CML-2110QA Datasheet
220Kb / 1P
Non-Relampable Neon Indicator Lights
2150QA CML-2150QA Datasheet
220Kb / 1P
Non-Relampable Neon Indicator Lights
2620T CML-2620T Datasheet
220Kb / 1P
Non-Relampable Neon Indicator Lights
logo
Visual Communications C...
1030QD VCC-1030QD Datasheet
64Kb / 1P
Non-Relampable Neon Indicator Lights
1050QA VCC-1050QA Datasheet
64Kb / 1P
Non-Relampable Neon Indicator Lights
2120A VCC-2120A Datasheet
62Kb / 1P
Non-Relampable Neon Lights
2150QA VCC-2150QA Datasheet
64Kb / 1P
Non-Relampable Neon Indicator Lights
2110QA VCC-2110QA Datasheet
64Kb / 1P
Non-Relampable Neon Indicator Lights
More results




About Chicago Miniature Lamp,inc


Chicago Miniature Lamp, Inc. (CML) is a manufacturer of miniature and subminiature incandescent lamps, LEDs (Light-Emitting Diodes), and other lighting products. The company was founded in 1931 and is headquartered in Illinois, USA.

CML's products are used in a wide range of applications such as automotive, aerospace, medical, and industrial equipment. They offer a broad range of lighting solutions including T-1 through T-5mm LED lamps, PCB mountable LED indicators, and miniature incandescent lamps.

CML is known for their innovation in the lighting industry, having introduced many new technologies over the years. They have also built a reputation for quality and reliability, with a strong focus on customer service.

In addition to their standard products, CML provides customized lighting solutions to meet specific customer requirements. They have manufacturing facilities in the United States and Asia, and serve customers in over 50 countries.

Overall, CML is a trusted and reputable manufacturer of miniature lighting products, with a long history of innovation, quality, and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com