Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2133A Datasheet (PDF) - Belden Inc.

2133A Datasheet PDF - Belden Inc.
Part # 2133A
Download  2133A Download
File Size   261.81 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Fieldbus, 20 Pr #16 Str TC, XLPO Ins, IS/OS, TPE Jkt, 600V TC-ER

2133A Datasheet (PDF)

Go To PDF Page Download Datasheet
2133A Datasheet PDF - Belden Inc.

Part # 2133A
Download  2133A Click to download

File Size   261.81 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Fieldbus, 20 Pr #16 Str TC, XLPO Ins, IS/OS, TPE Jkt, 600V TC-ER

2133A Datasheet (HTML) - Belden Inc.




Similar Part No. - 2133A

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
2133 MTRONPTI-2133 Datasheet
332Kb / 1P
Front-End Filters: 10.0MHz to 220 MHz
logo
Heyco.
2133 HEYCO-2133 Datasheet
151Kb / 1P
Extra Dome Plugs
logo
Belden Inc.
2133 BELDEN-2133 Datasheet
373Kb / 4P
Fast Ethernet Cat5e Data Double-Ended Cordset
02-03-2025
logo
Adafruit Industries
2133 ADAFRUIT-2133 Datasheet
200Kb / 4P
Adafruit Audio FX Sound Board - WAV/OGG Trigger with 2MB Flash
11/13/2015
logo
VISATON GmbH & Co. KG
2133 VISATON-2133 Datasheet
86Kb / 4P
FR 13 WP - 4 Ohm (schwarz)
16.07.2013
More results


Similar Description - 2133A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
2120A BELDEN-2120A Datasheet
256Kb / 3P
Fieldbus, 5 Pr #18 Str TC, XLPO Ins, IS/OS, TPE Jkt, 600V TC-ER
2123A BELDEN-2123A Datasheet
256Kb / 3P
Fieldbus, 16 Pr #18 Str TC, XLPO Ins, IS/OS, TPE Jkt, 600V TC-ER
2124A BELDEN-2124A Datasheet
257Kb / 3P
Fieldbus, 20 Pr #18 Str TC, XLPO Ins, IS/OS, TPE Jkt, 600V TC-ER
2128A BELDEN-2128A Datasheet
262Kb / 3P
Fieldbus, 2 Pr #16 Str TC, XLPO Ins, IS/OS, TPE Jkt, 600V TC-ER
2129A BELDEN-2129A Datasheet
262Kb / 3P
Fieldbus, 5 Pr #16 Str TC, XLPO Ins, IS/OS, TPE Jkt, 600V TC-ER
2130A BELDEN-2130A Datasheet
262Kb / 3P
Fieldbus, 8 Pr #16 Str TC, XLPO Ins, IS/OS, TPE Jkt, 600V TC-ER
2131A BELDEN-2131A Datasheet
262Kb / 3P
Fieldbus, 12 Pr #16 Str TC, XLPO Ins, IS/OS, TPE Jkt, 600V TC-ER
2132A BELDEN-2132A Datasheet
262Kb / 3P
Fieldbus, 16 Pr #16 Str TC, XLPO Ins, IS/OS, TPE Jkt, 600V TC-ER
2134A BELDEN-2134A Datasheet
262Kb / 3P
Fieldbus, 24 Pr #16 Str TC, XLPO Ins, IS/OS, TPE Jkt, 600V TC-ER
2135A BELDEN-2135A Datasheet
264Kb / 3P
Fieldbus, 36 Pr #16 Str TC, XLPO Ins, IS/OS, TPE Jkt, 600V TC-ER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com