Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IZ0065 Datasheet (PDF) - Integral Corp.

IZ0065 Datasheet PDF - Integral Corp.
Part # IZ0065
Download  IZ0065 Download
File Size   145.72 Kbytes
Page   6 Pages
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.
Description 40 Channel Segment / Common Driver For Dot Matrix LCD

IZ0065 Datasheet (PDF)

Go To PDF Page Download Datasheet
IZ0065 Datasheet PDF - Integral Corp.

Part # IZ0065
Download  IZ0065 Click to download

File Size   145.72 Kbytes
Page   6 Pages
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.
Description 40 Channel Segment / Common Driver For Dot Matrix LCD

IZ0065 Datasheet (HTML) - Integral Corp.


IZ0065 Product details

The IZ0065 is a LCD driver LSI which is fabricated by low power CMOS technology. Basically this LSI consists of 20 × 2 bit bi-directional shift register, 20 × 2 bit data latch and 20 × 2 bit driver. This LSI can be used a common or segment driver.

FEATURES
• Display driving bias: static -1/5
• Power supply voltage: +5V ± 10%, +3V ± 10%
• Supply voltage for display: 0 ~ -5V(VEE)
• Interface
• CMOS Process
• Bare chip available

FUNCTIONS
• Dot matrix LCD driver with 40-channel output.
• Selectable function to use common/segment drivers simultaneously.
• Input / Output signal
    - output: 20 × 2 channel waveform for LCD driving
    - input: - Serial display data and control pulse from the controller LSI.
• Bias voltage (V1-V6)




Similar Part No. - IZ0065

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IZ0066 INTEGRAL-IZ0066 Datasheet
200Kb / 9P
DOT MATRIX LCD CONTROLLER & DRIVER
More results


Similar Description - IZ0065

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU6407C NJRC-NJU6407C Datasheet
310Kb / 10P
DOT MATRIX LCD 40-OUT SEGMENT DRIVER
logo
OKI electronic componet...
MSM5839B1111 OKI-MSM5839B1111 Datasheet
134Kb / 7P
DOT MATRIX LCD 40 DOT SEGMENT DRIVER
MSM6222B OKI-MSM6222B Datasheet
390Kb / 45P
DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
logo
Samsung semiconductor
S6A0065 SAMSUNG-S6A0065 Datasheet
116Kb / 12P
40 CH SEGMENT/COMMON DRIVER FOR DOT MATRIX LCD
logo
Holtek Semiconductor In...
HT1602 HOLTEK-HT1602 Datasheet
215Kb / 6P
40 Dot Matrix LCD Segment Driver
28th Aug 98
HT1602L HOLTEK-HT1602L Datasheet
106Kb / 7P
40 Dot Matrix LCD Segment Driver
September 1, 2000
logo
Samsung semiconductor
KS0065B SAMSUNG-KS0065B Datasheet
233Kb / 12P
40CH SEGMENT/COMMON DRIVER FOR DOT MATRIX LCD
logo
KODENSHI_AUK CORP.
KK0065 KODENSHI-KK0065 Datasheet
198Kb / 6P
40 Channel Segment / Common Driver For Dot Matrix LCD
logo
Sitronix Technology Co....
ST7065C SITRONIX-ST7065C Datasheet
146Kb / 14P
40CH Segment/Common Driver for Dot Matrix LCD
logo
Neotec Semiconductor Lt...
NT7065B NEOTEC-NT7065B Datasheet
457Kb / 16P
40-Channel Segment / Common Driver For Dot Matrix LCD
Rev1.4 20130222
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com