Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7065C Datasheet (PDF) - Sitronix Technology Co., Ltd.

ST7065C Datasheet PDF - Sitronix Technology Co., Ltd.
Part # ST7065C
Download  ST7065C Download
File Size   146.55 Kbytes
Page   14 Pages
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.
Description 40CH Segment/Common Driver for Dot Matrix LCD

ST7065C Datasheet (PDF)

Go To PDF Page Download Datasheet
ST7065C Datasheet PDF - Sitronix Technology Co., Ltd.

Part # ST7065C
Download  ST7065C Click to download

File Size   146.55 Kbytes
Page   14 Pages
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.
Description 40CH Segment/Common Driver for Dot Matrix LCD

ST7065C Datasheet (HTML) - Sitronix Technology Co., Ltd.


ST7065C Product details

Description:

ST7065C is a segment/common driver for dot matrix type LCD display. It features 40 channels with 20 X 2 bits bi-directional shift registers, data latches, LCD drivers and logic control circuits. It is fabricated by high voltage CMOS process with low current consumption.



Features:

• Display driving bias : static to 1/5

• Power supply for logic : 2.7V ~ 5.5V

• Power supply for LCD voltage (VDD~VEE) : 3V ~ 11V

• 64 Pin QFP package and bare chip available



Functions:

• Dot matrix LCD driver with two 20 channel outputs

• Selectable function to use common/segment drivers simultaneously

• Bias voltage (V1 ~ V6)

• Input/output signals

• Input : Serial display data and control pulse from controller IC

• Output : 20 X 2 channels waveform for LCD driving



 




Similar Part No. - ST7065C

ManufacturerPart #DatasheetDescription
logo
Sitronix Technology Co....
ST7063C SITRONIX-ST7063C Datasheet
304Kb / 12P
80CH Segment Driver for Dot Matrix LCD
logo
List of Unclassifed Man...
ST7066 ETC-ST7066 Datasheet
318Kb / 29P
Dot Matrix LCD Controller/Driver
logo
Sitronix Technology Co....
ST7066U SITRONIX-ST7066U Datasheet
601Kb / 42P
Dot Matrix LCD Controller/Driver
More results


Similar Description - ST7065C

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S6A0065 SAMSUNG-S6A0065 Datasheet
116Kb / 12P
40 CH SEGMENT/COMMON DRIVER FOR DOT MATRIX LCD
S6B0086 SAMSUNG-S6B0086 Datasheet
324Kb / 31P
80 CH SEGMENT / COMMON DRIVER FOR DOT MATRIX LCD
KS0065B SAMSUNG-KS0065B Datasheet
233Kb / 12P
40CH SEGMENT/COMMON DRIVER FOR DOT MATRIX LCD
logo
Integral Corp.
IZ0065 INTEGRAL-IZ0065 Datasheet
145Kb / 6P
40 Channel Segment / Common Driver For Dot Matrix LCD
logo
List of Unclassifed Man...
GSM793E ETC2-GSM793E Datasheet
97Kb / 10P
80CH Segment Driver For Dot Matrix LCD
logo
KODENSHI_AUK CORP.
KK0065 KODENSHI-KK0065 Datasheet
198Kb / 6P
40 Channel Segment / Common Driver For Dot Matrix LCD
logo
Sitronix Technology Co....
ST7063C SITRONIX-ST7063C Datasheet
304Kb / 12P
80CH Segment Driver for Dot Matrix LCD
ST7921 SITRONIX-ST7921 Datasheet
77Kb / 11P
96CH Segment Driver For Dot Matrix LCD
logo
RAIO Technology Inc.
RA0086A RAIO-RA0086A Datasheet
181Kb / 6P
80 CH Segment/Common Driver For Dot Matrix LCD Specification
logo
Neotec Semiconductor Lt...
NT7065B NEOTEC-NT7065B Datasheet
457Kb / 16P
40-Channel Segment / Common Driver For Dot Matrix LCD
Rev1.4 20130222
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com