Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7066 Datasheet (PDF) - List of Unclassifed Manufacturers

ST7066 Datasheet PDF - List of Unclassifed Manufacturers
Part # ST7066
Download  ST7066 Download
File Size   318.42 Kbytes
Page   29 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Dot Matrix LCD Controller/Driver

ST7066 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST7066 Datasheet PDF - List of Unclassifed Manufacturers

Part # ST7066
Download  ST7066 Click to download

File Size   318.42 Kbytes
Page   29 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Dot Matrix LCD Controller/Driver

ST7066 Datasheet (HTML) - List of Unclassifed Manufacturers


ST7066 Product details

[Sitronix]

Description
The ST7066 dot-matrix liquid crystal display controller and driver LSI displays alphanumeric, Japanese kana characters, and symbols. It can be configured to drive a dot-matrix liquid crystal display under the control of a 4- or 8-bit microprocessor.
Since all the functions such as display RAM, character generator, and liquid crystal driver, required for driving a dot-matrix liquid crystal display are internally provided on one chip, a minimal system can be interfaced with this controller/driver.

Features
● 5 x 8 and 5 x 11 dot matrix possible
● Low power operation support:
   -- 2.7 to 5.5V
● Wide range of LCD driver power
   -- 3.0 to 11V
● Correspond to high speed MPU bus interface
   -- 2 MHz (when VCC = 5V)
● 4-bit or 8-bit MPU interface enabled
● 80 x 8-bit display RAM (80 characters max.)
● 9,920-bit character generator ROM for a total of
   240 character fonts
   -- 208 character fonts (5 x 8 dot)
   -- 32 character fonts (5 x 11 dot)
● 64 x 8-bit character generator RAM
   -- 8 character fonts (5 x 8 dot)
   -- 4 character fonts (5 x 11 dot)
● 16-common x 40-segment liquid crystal display
   driver
● Programmable duty cycles
   -- 1/8 for one line of 5 x 8 dots with cursor
   -- 1/11 for one line of 5 x 11 dots & cursor
   -- 1/16 for two lines of 5 x 8 dots & cursor
● Wide range of instruction functions:
   Display clear, cursor home, display on/off,
   cursor on/off, display character blink, cursor
   shift, display shift
● Pin function compatibility with HD44780,
   KS0066 and SED1278
● Automatic reset circuit that initializes the
   controller/driver after power on
● Internal oscillator with external resistors
● Low power consumption
● QFP80 and Bare Chip available




Similar Part No. - ST7066

ManufacturerPart #DatasheetDescription
logo
Sitronix Technology Co....
ST7066U SITRONIX-ST7066U Datasheet
601Kb / 42P
Dot Matrix LCD Controller/Driver
More results


Similar Description - ST7066

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9041 OKI-ML9041 Datasheet
537Kb / 55P
DOT MATRIX LCD CONTROLLER DRIVER
logo
Epson Company
SED1530 EPSON-SED1530 Datasheet
176Kb / 13P
DOT MATRIX LCD CONTROLLER DRIVER
SED1200F EPSON-SED1200F Datasheet
149Kb / 6P
Dot Matrix LCD Controller Driver
logo
List of Unclassifed Man...
ST7036 ETC-ST7036 Datasheet
864Kb / 72P
Dot Matrix LCD Controller/Driver
logo
OKI electronic componet...
ML9041A OKI-ML9041A Datasheet
655Kb / 64P
DOT MATRIX LCD CONTROLLER DRIVER
logo
Epson Company
SED1278F EPSON-SED1278F Datasheet
561Kb / 13P
Dot Matrix LCD Controller Driver
logo
Sitronix Technology Co....
ST7066U SITRONIX-ST7066U Datasheet
601Kb / 42P
Dot Matrix LCD Controller/Driver
ST7038 SITRONIX-ST7038 Datasheet
1Mb / 63P
Dot Matrix LCD Controller/Driver
logo
Renesas Technology Corp
PD16435 RENESAS-PD16435_15 Datasheet
440Kb / 38P
DOT MATRIX LCD CONTROLLER/DRIVER
logo
Neotec Semiconductor Lt...
NT7070B NEOTEC-NT7070B Datasheet
323Kb / 33P
Dot Matrix LCD Driver & Controller
Rev1.4 20130225
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com