Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7066 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # ST7066
Description  Dot Matrix LCD Controller/Driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ST7066 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button ST7066 Datasheet HTML 3Page - List of Unclassifed Manufacturers ST7066 Datasheet HTML 4Page - List of Unclassifed Manufacturers ST7066 Datasheet HTML 5Page - List of Unclassifed Manufacturers ST7066 Datasheet HTML 6Page - List of Unclassifed Manufacturers ST7066 Datasheet HTML 7Page - List of Unclassifed Manufacturers ST7066 Datasheet HTML 8Page - List of Unclassifed Manufacturers ST7066 Datasheet HTML 9Page - List of Unclassifed Manufacturers ST7066 Datasheet HTML 10Page - List of Unclassifed Manufacturers ST7066 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
ST7066
V1.2
2000/6/13
7
Display Data RAM (DDRAM)
Display data RAM (DDRAM) stores display data represented in 8-bit character codes. Its extended capacity is 80 x 8
bits, or 80 characters. The area in display data RAM (DDRAM) that is not used for display can be used as general
data RAM. See Figure 1 for the relationships between DDRAM addresses and positions on the liquid crystal display.
The DDRAM address (ADD ) is set in the address counter (AC) as hexadecimal.
!" 1-line display (N = 0) (Figure 2)
When there are fewer than 80 display characters, the display begins at the head position. For
example, if using only the ST7066, 8 characters are displayed. See Figure 3.
When the display shift operation is performed, the DDRAM address shifts. See Figure 3.
Figure 1 DDRAM Address
Figure 1 DDRAM Address
Figure 1 DDRAM Address
Figure 1 DDRAM Address
Figure 2 1
Figure 2 1
Figure 2 1
Figure 2 1----Line Display
Line Display
Line Display
Line Display
Figure 3 1
Figure 3 1
Figure 3 1
Figure 3 1----Line by 8
Line by 8
Line by 8
Line by 8----Character Display Example
Character Display Example
Character Display Example
Character Display Example
!" 2-line display (N = 1) (Figure 4)
Case 1: When the number of display characters is less than 40
× 2 lines, the two lines are displayed from the head. Note that
the first line end address and the second line start address are not consecutive. For example, when just the ST7066 is
used, 8 characters
× 2 lines are displayed. See Figure 5.
AC6 AC5 AC4 AC3 AC2 AC1 AC0
1
0
0
1
1
1
1
High Order
bits
Low Order
bits
AC
Example: DDRAM Address 4F
00
01
02
03
04
05
4D
4E
4F
DDRAM Address
………………..
1
2
3
4
5
6
80
79
78
Display
Position
(Digit)
00
01
02
03
04
05
06
07
DDRAM
Address
1
2
3
4
5
6
8
7
Display
Position
08
01
02
03
04
05
06
07
00
01
02
03
04
05
06
4F
For
Shift Left
For
Shift Right



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com