Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7066 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ST7066
Description  Dot Matrix LCD Controller/Driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ST7066 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ST7066 Datasheet HTML 1Page - List of Unclassifed Manufacturers ST7066 Datasheet HTML 2Page - List of Unclassifed Manufacturers ST7066 Datasheet HTML 3Page - List of Unclassifed Manufacturers ST7066 Datasheet HTML 4Page - List of Unclassifed Manufacturers ST7066 Datasheet HTML 5Page - List of Unclassifed Manufacturers ST7066 Datasheet HTML 6Page - List of Unclassifed Manufacturers ST7066 Datasheet HTML 7Page - List of Unclassifed Manufacturers ST7066 Datasheet HTML 8Page - List of Unclassifed Manufacturers ST7066 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
ST
Sitronix
ST7066
Dot Matrix LCD Controller/Driver
V1.2
2000/6/13
1
Features
!" 5 x 8 and 5 x 11 dot matrix possible
!" Low power operation support:
-- 2.7 to 5.5V
!" Wide range of LCD driver power
-- 3.0 to 11V
!" Correspond to high speed MPU bus interface
-- 2 MHz (when VCC = 5V)
!" 4-bit or 8-bit MPU interface enabled
!" 80 x 8-bit display RAM (80 characters max.)
!" 9,920-bit character generator ROM for a total of
240 character fonts
-- 208 character fonts (5 x 8 dot)
-- 32 character fonts (5 x 11 dot)
!" 64 x 8-bit character generator RAM
-- 8 character fonts (5 x 8 dot)
-- 4 character fonts (5 x 11 dot)
!" 16-common x 40-segment liquid crystal display
driver
!" Programmable duty cycles
-- 1/8 for one line of 5 x 8 dots with cursor
-- 1/11 for one line of 5 x 11 dots & cursor
-- 1/16 for two lines of 5 x 8 dots & cursor
!" Wide range of instruction functions:
Display clear, cursor home, display on/off,
cursor on/off, display character blink, cursor
shift, display shift
!" Pin function compatibility with HD44780,
KS0066 and SED1278
!" Automatic reset circuit that initializes the
controller/driver after power on
!" Internal oscillator with external resistors
!" Low power consumption
!" QFP80 and Bare Chip available
Description
The
ST7066
dot-matrix
liquid
crystal
display
controller and driver LSI displays alphanumeric,
Japanese kana characters, and symbols. It can be
configured to drive a dot-matrix liquid crystal display
under the control of a 4- or 8-bit microprocessor.
Since all the functions such as display RAM,
character generator, and liquid crystal driver, required
for driving a dot-matrix liquid crystal display are
internally provided on one chip, a minimal system can
be interfaced with this controller/driver.
The ST7066 has pin function compatibility with the
HD44780, KS0066U and SED1278 that allows the
user to easily replace it with an ST7066. The ST7066
character generator ROM is extended to generate
208 5 x 8 dot character fonts and 32 5 x 11 dot
character fonts for a total of 240 different character
fonts. The low power supply (2.7V to 5.5V) of the
ST7066 is suitable for any portable battery-driven
product requiring low power dissipation.
The ST7066 LCD driver consists of 16 common
signal drivers and 40 segment signal drivers which
can extend display size by cascading segment driver
ST7065 or ST7063. The maximum display size can
be either 80 characters in 1-line display or 40
characters in 2-line display. A single ST7066 can
display up to one 8-character line or two 8-character
lines.
Product Name
Support Character
ST7066-0A
English / Japan
ST7066-0B
English / European


Similar Part No. - ST7066

ManufacturerPart #DatasheetDescription
logo
Sitronix Technology Co....
ST7066U SITRONIX-ST7066U Datasheet
601Kb / 42P
Dot Matrix LCD Controller/Driver
More results

Similar Description - ST7066

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9041 OKI-ML9041 Datasheet
537Kb / 55P
DOT MATRIX LCD CONTROLLER DRIVER
logo
Epson Company
SED1530 EPSON-SED1530 Datasheet
176Kb / 13P
DOT MATRIX LCD CONTROLLER DRIVER
SED1200F EPSON-SED1200F Datasheet
149Kb / 6P
Dot Matrix LCD Controller Driver
logo
List of Unclassifed Man...
ST7036 ETC-ST7036 Datasheet
864Kb / 72P
Dot Matrix LCD Controller/Driver
logo
OKI electronic componet...
ML9041A OKI-ML9041A Datasheet
655Kb / 64P
DOT MATRIX LCD CONTROLLER DRIVER
logo
Epson Company
SED1278F EPSON-SED1278F Datasheet
561Kb / 13P
Dot Matrix LCD Controller Driver
logo
Sitronix Technology Co....
ST7066U SITRONIX-ST7066U Datasheet
601Kb / 42P
Dot Matrix LCD Controller/Driver
ST7038 SITRONIX-ST7038 Datasheet
1Mb / 63P
Dot Matrix LCD Controller/Driver
logo
Renesas Technology Corp
PD16435 RENESAS-PD16435_15 Datasheet
440Kb / 38P
DOT MATRIX LCD CONTROLLER/DRIVER
logo
Neotec Semiconductor Lt...
NT7070B NEOTEC-NT7070B Datasheet
323Kb / 33P
Dot Matrix LCD Driver & Controller
Rev1.4 20130225
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com