Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7066 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # ST7066
Description  Dot Matrix LCD Controller/Driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ST7066 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button ST7066 Datasheet HTML 9Page - List of Unclassifed Manufacturers ST7066 Datasheet HTML 10Page - List of Unclassifed Manufacturers ST7066 Datasheet HTML 11Page - List of Unclassifed Manufacturers ST7066 Datasheet HTML 12Page - List of Unclassifed Manufacturers ST7066 Datasheet HTML 13Page - List of Unclassifed Manufacturers ST7066 Datasheet HTML 14Page - List of Unclassifed Manufacturers ST7066 Datasheet HTML 15Page - List of Unclassifed Manufacturers ST7066 Datasheet HTML 16Page - List of Unclassifed Manufacturers ST7066 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
ST7066
V1.2
2000/6/13
13
Instructions
There are four categories of instructions that:
!" Designate ST7066 functions, such as display format, data length, etc.
!" Set internal RAM addresses
!" Perform data transfer with internal RAM
!" Others
Instruction Table:
Instruction Code
Instruction
RS RW
DB
7
DB
6
DB
5
DB
4
DB
3
DB
2
DB
1
DB
0
Description
Description
Time
(270KHZ)
Clear
Display
0
0
0
0
0
0
0
0
0
1
Write
"20H"
to
DDRAM.
and
set
DDRAM address to "00H" from AC
1.52 ms
Return
Home
0
0
0
0
0
0
0
0
1
x
Set DDRAM address to "00H" from AC
and return cursor to its original position
if shifted. The contents of DDRAM are
not changed.
1.52 ms
Entry Mode
Set
0
0
0
0
0
0
0
1
I/D
S
Sets cursor move direction and
specifies display shift. These operations
are performed during data write and
read.
37 us
Display
ON/OFF
0
0
0
0
0
0
1
D
C
B
D=1: entire display on
C=1: cursor on
B=1: cursor position on
37 us
Cursor or
Display
Shift
0
0
0
0
0
1
S/C R/L
x
x
Set cursor moving and display shift
control bit, and the direction, without
changing DDRAM data.
37 us
Function
Set
0
0
0
0
1
DL
N
F
x
x
DL: interface data is 8/4 bits
NL: number of line is 2/1
F: font size is 5x11/5x8
37 us
Set
CGRAM
address
0
0
0
1
AC
5
AC
4
AC
3
AC
2
AC
1
AC
0
Set CGRAM address in address counter
37 us
Set DDRAM
address
0
0
1
AC
6
AC
5
AC
4
AC
3
AC
2
AC
1
AC
0
Set DDRAM address in address counter
37 us
Read Busy
flag and
address
0
1
BF
AC
6
AC
5
AC
4
AC
3
AC
2
AC
1
AC
0
Whether during internal operation or not
can be known by reading BF. The
contents of address counter can also be
read.
0 us
Write data
to RAM
1
0
D7
D6
D5
D4
D3
D2
D1
D0
Write data into internal RAM
(DDRAM/CGRAM)
43 us
Read data
from RAM
1
1
D7
D6
D5
D4
D3
D2
D1
D0
Read data from internal RAM
(DDRAM/CGRAM)
43 us
Note:
Be sure the ST7066 is not in the busy state (BF = 0) before sending an instruction from the MPU to the ST7066.
If an instruction is sent without checking the busy flag, the time between the first instruction and next instruction
will take much longer than the instruction time itself. Refer to Instruction Table for the list of each instruction
execution time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com