Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7066 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # ST7066
Description  Dot Matrix LCD Controller/Driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ST7066 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button ST7066 Datasheet HTML 17Page - List of Unclassifed Manufacturers ST7066 Datasheet HTML 18Page - List of Unclassifed Manufacturers ST7066 Datasheet HTML 19Page - List of Unclassifed Manufacturers ST7066 Datasheet HTML 20Page - List of Unclassifed Manufacturers ST7066 Datasheet HTML 21Page - List of Unclassifed Manufacturers ST7066 Datasheet HTML 22Page - List of Unclassifed Manufacturers ST7066 Datasheet HTML 23Page - List of Unclassifed Manufacturers ST7066 Datasheet HTML 24Page - List of Unclassifed Manufacturers ST7066 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
ST7066
V1.2
2000/6/13
21
Interfacing to the MPU
The ST7066 can send data in either two 4-bit operations or one 8-bit operation, thus allowing interfacing with 4- or
8-bit MPU.
!" For 4-bit interface data, only four bus lines (DB4 to DB7) are used for transfer. Bus lines DB0 to DB3 are
disabled. The data transfer between the ST7066 and the MPU is completed after the 4-bit data has been
transferred twice. As for the order of data transfer, the four high order bits (for 8-bit operation, DB4 to DB7) are
transferred before the four low order bits (for 8-bit operation, DB0 to DB3). The busy flag must be checked (one
instruction) after the 4-bit data has been transferred twice. Two more 4-bit operations then transfer the busy flag
and address counter data.
!" For 8-bit interface data, all eight bus lines (DB0 to DB7) are used.
Supply Voltage for LCD Drive
There are different voltages that supply to ST7066’s pin (V1 - V5) to obtain LCD drive waveform. The relations of the
bias, duty factor and supply voltages are shown as below:
Duty Factor
1/8, 1/11
1/16
Bias
Supply Voltage
1/4
1/5
V1
Vcc - 1/4VLCD
Vcc - 1/5VLCD
V2
Vcc - 1/2VLCD
Vcc - 2/5VLCD
V3
Vcc - 1/2VLCD
Vcc - 3/5VLCD
V4
Vcc - 3/4VLCD
Vcc - 4/5VLCD
V5
Vcc - VLCD
Vcc- VLCD
R
R
R
R
R
VR
R
R
R
R
VR
V1
V1
Vcc
V2
V3
V4
V5
Vcc
V2
V3
V4
V5
-5V
+5V
-5V
1/4 bias
(1/8, 1/11 duty
cycle)
1/5 bias
(1/16 duty
cycle)
VLCD
VLCD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com