Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S6B0086 Datasheet (PDF) - Samsung semiconductor

S6B0086 Datasheet PDF - Samsung semiconductor
Part # S6B0086
Download  S6B0086 Download
File Size   324.5 Kbytes
Page   31 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description 80 CH SEGMENT / COMMON DRIVER FOR DOT MATRIX LCD

S6B0086 Datasheet (PDF)

Go To PDF Page Download Datasheet
S6B0086 Datasheet PDF - Samsung semiconductor

Part # S6B0086
Download  S6B0086 Click to download

File Size   324.5 Kbytes
Page   31 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description 80 CH SEGMENT / COMMON DRIVER FOR DOT MATRIX LCD

S6B0086 Datasheet (HTML) - Samsung semiconductor


S6B0086 Product details

INTRODUCTION
The S6B0086 is an LCD driver LSI which is fabricated by low power CMOS high voltage process technology. In segment driver mode, it can be interfaced in 1-bit serial or 4-bit parallel method by the controller. In common driver mode, dual type mode is applicable. And in segment mode application, the power down function reduces power consumption.

FEATURES
• Power supply voltage: + 5V ± 10 %, + 3V ± 10%
• Supply voltage for display: 6 to 28V (VDD-VEE)
• 4-bit parallel / 1-bit serial data processing (in segment mode)
• Single mode operation / dual mode operation (in common mode)
• Power down function (in segment mode)
• Applicable LCD duty: 1/64 – 1/256
• Interface
• High voltage CMOS process
• Bare die or TCP available




Similar Part No. - S6B0086

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S6B0086 SAMSUNG-S6B0086 Datasheet
122Kb / 12P
80CH SEGMENT DRIVER FOR DOT MATRIX LCD
More results


Similar Description - S6B0086

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU6416 NJRC-NJU6416 Datasheet
283Kb / 9P
DOT MATRIX LCD 80-OUT SEGMENT DRIVER?
logo
OKI electronic componet...
MSM5279 OKI-MSM5279 Datasheet
205Kb / 9P
DOT MATRIX LCD 80 DOT SEGMENT DRIVER
MSM5299B OKI-MSM5299B Datasheet
234Kb / 11P
DOT MATRIX LCD 80 DOT SEGMENT DRIVER
logo
Samsung semiconductor
S6A0065 SAMSUNG-S6A0065 Datasheet
116Kb / 12P
40 CH SEGMENT/COMMON DRIVER FOR DOT MATRIX LCD
S6A2067 SAMSUNG-S6A2067 Datasheet
104Kb / 10P
80 SEGMENT DRIVER FOR DOT MATRIX LCD
S6B0108 SAMSUNG-S6B0108 Datasheet
165Kb / 23P
64 CH SEGMENT DRIVER FOR DOT MATRIX LCD
KS0065B SAMSUNG-KS0065B Datasheet
233Kb / 12P
40CH SEGMENT/COMMON DRIVER FOR DOT MATRIX LCD
logo
Anpec Electronics Corop...
APU0071 ANPEC-APU0071 Datasheet
500Kb / 28P
80 Segment / 16 Common Controller for Dot Matrix LCD
logo
Sitronix Technology Co....
ST7065C SITRONIX-ST7065C Datasheet
146Kb / 14P
40CH Segment/Common Driver for Dot Matrix LCD
logo
RAIO Technology Inc.
RA0086A RAIO-RA0086A Datasheet
181Kb / 6P
80 CH Segment/Common Driver For Dot Matrix LCD Specification
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com