Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S6B0086 Datasheet (PDF) - Samsung semiconductor

S6B0086 Datasheet PDF - Samsung semiconductor
Part # S6B0086
Download  S6B0086 Download
File Size   122.31 Kbytes
Page   12 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description 80CH SEGMENT DRIVER FOR DOT MATRIX LCD

S6B0086 Datasheet (PDF)

Go To PDF Page Download Datasheet
S6B0086 Datasheet PDF - Samsung semiconductor

Part # S6B0086
Download  S6B0086 Click to download

File Size   122.31 Kbytes
Page   12 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description 80CH SEGMENT DRIVER FOR DOT MATRIX LCD

S6B0086 Datasheet (HTML) - Samsung semiconductor


S6B0086 Product details

INTRODUCTION
The S6B2104 is a LCD driver IC, which is fabricated by low power CMOS high voltage process technology. This device consists of 80-bit bi-directional shift register, 80-bit data latch and 80 bit driver.

FEATURES
• Power supply voltage: +5V ± 10%, +3V ± 10%
• Supply voltage for display: 6 to 28V (VDD-VEE)
• Parallel data processing (4 bit)
• Applicable LCD duty: 1/64 to 1/256
• Interface
• High voltage CMOS process
• 100 QFP or bare chip available




Similar Part No. - S6B0086

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S6B0086 SAMSUNG-S6B0086 Datasheet
324Kb / 31P
80 CH SEGMENT / COMMON DRIVER FOR DOT MATRIX LCD
More results


Similar Description - S6B0086

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5279 OKI-MSM5279 Datasheet
205Kb / 9P
DOT MATRIX LCD 80 DOT SEGMENT DRIVER
MSM5299B OKI-MSM5299B Datasheet
234Kb / 11P
DOT MATRIX LCD 80 DOT SEGMENT DRIVER
MSM5839B1111 OKI-MSM5839B1111 Datasheet
134Kb / 7P
DOT MATRIX LCD 40 DOT SEGMENT DRIVER
logo
Samsung semiconductor
KS0108B SAMSUNG-KS0108B Datasheet
157Kb / 17P
64CH SEGMENT DRIVER FOR DOT MATRIX LCD
S6A2067 SAMSUNG-S6A2067 Datasheet
104Kb / 10P
80 SEGMENT DRIVER FOR DOT MATRIX LCD
logo
Anpec Electronics Corop...
APU0063 ANPEC-APU0063 Datasheet
113Kb / 11P
80CH DRIVER FOR DOT MATRIX LCD
logo
List of Unclassifed Man...
GSM793E ETC2-GSM793E Datasheet
97Kb / 10P
80CH Segment Driver For Dot Matrix LCD
logo
Sitronix Technology Co....
ST7063C SITRONIX-ST7063C Datasheet
304Kb / 12P
80CH Segment Driver for Dot Matrix LCD
ST7921 SITRONIX-ST7921 Datasheet
77Kb / 11P
96CH Segment Driver For Dot Matrix LCD
logo
Hantronix,Inc
KS0108B HANTRONIX-KS0108B_15 Datasheet
157Kb / 17P
64CH SEGMENT DRIVER FOR DOT MATRIX LCD
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com