Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7921 Datasheet (PDF) - Sitronix Technology Co., Ltd.

ST7921 Datasheet PDF - Sitronix Technology Co., Ltd.
Part # ST7921
Download  ST7921 Download
File Size   77.64 Kbytes
Page   11 Pages
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.
Description 96CH Segment Driver For Dot Matrix LCD

ST7921 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST7921 Datasheet PDF - Sitronix Technology Co., Ltd.

Part # ST7921
Download  ST7921 Click to download

File Size   77.64 Kbytes
Page   11 Pages
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.
Description 96CH Segment Driver For Dot Matrix LCD

ST7921 Datasheet (HTML) - Sitronix Technology Co., Ltd.


ST7921 Product details

General Description :

ST7921 is a segment driver for dot matrix type LCD  display. It features 96 channels with  48  X  2  bits  bi-directional  shift  registers,  data  latches,  LCD  drivers  and  logic control  circuits.  It  is  fabricated  by  high  voltage  CMOS  process  with  low  current consumption.



Features :

Display driving bias : static to 1/5

Power supply for logic : 2.7V ~ 5.5V

Power supply for LCD voltage (V0~VSS) :   3V ~ 7V

Dot matrix LCD driver with two 48 channel outputs

Bias voltage (V0 ~ V4) 

nput/Output signals

  Input : Serial display data and control pulse from controller IC

  Output : 48 X 2 channels waveform for LCD driving




Similar Part No. - ST7921

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ST7920 ETC1-ST7920 Datasheet
1Mb / 47P
ST7920
logo
Sitronix Technology Co....
ST7920 SITRONIX-ST7920 Datasheet
694Kb / 49P
Chinese Fonts built in LCD controller/driver
logo
List of Unclassifed Man...
ST7920-0A ETC1-ST7920-0A Datasheet
1Mb / 47P
ST7920
ST7920-0B ETC1-ST7920-0B Datasheet
1Mb / 47P
ST7920
More results


Similar Description - ST7921

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5279 OKI-MSM5279 Datasheet
205Kb / 9P
DOT MATRIX LCD 80 DOT SEGMENT DRIVER
MSM5299B OKI-MSM5299B Datasheet
234Kb / 11P
DOT MATRIX LCD 80 DOT SEGMENT DRIVER
MSM5839B1111 OKI-MSM5839B1111 Datasheet
134Kb / 7P
DOT MATRIX LCD 40 DOT SEGMENT DRIVER
logo
Samsung semiconductor
KS0108B SAMSUNG-KS0108B Datasheet
157Kb / 17P
64CH SEGMENT DRIVER FOR DOT MATRIX LCD
S6A2067 SAMSUNG-S6A2067 Datasheet
104Kb / 10P
80 SEGMENT DRIVER FOR DOT MATRIX LCD
S6B2104 SAMSUNG-S6B2104 Datasheet
122Kb / 12P
80CH SEGMENT DRIVER FOR DOT MATRIX LCD
logo
Holtek Semiconductor In...
HT1602 HOLTEK-HT1602 Datasheet
215Kb / 6P
40 Dot Matrix LCD Segment Driver
28th Aug 98
logo
List of Unclassifed Man...
GSM793E ETC2-GSM793E Datasheet
97Kb / 10P
80CH Segment Driver For Dot Matrix LCD
logo
Sitronix Technology Co....
ST7063C SITRONIX-ST7063C Datasheet
304Kb / 12P
80CH Segment Driver for Dot Matrix LCD
logo
Hantronix,Inc
KS0108B HANTRONIX-KS0108B_15 Datasheet
157Kb / 17P
64CH SEGMENT DRIVER FOR DOT MATRIX LCD
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com