Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7921 Datasheet(PDF) 10 Page - Sitronix Technology Co., Ltd.

Part # ST7921
Description  96CH Segment Driver For Dot Matrix LCD
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7921 Datasheet(HTML) 10 Page - Sitronix Technology Co., Ltd.

Back Button ST7921 Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST7921 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST7921 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST7921 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST7921 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7921 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7921 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST7921 Datasheet HTML 10Page - Sitronix Technology Co., Ltd. ST7921 Datasheet HTML 11Page - Sitronix Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
ST7920
Dot Matrix LCD Panel
VSS
Vcc(+5V/+3V)
DB0-DB7
To MPU
V4
V3
V2
V1
V0
M
CL1
CL2
VSS
VDD
Seg 1-64
Com 1-32
Note:Regsister=2.2K~10K ohm
VR=1K~30Kohm
ST7921
V2
V3
V0
VSS
SHL2
SHL1
VDD
DL1
M
CL2
CL1
DR1
DL2
DR2
Seg 1-96
ST7921
V2
V3
V0
VSS
SHL2
SHL1
VDD
DL1
M
CL2
CL1
DR1
DL2
DR2
Seg 1-96
Regsister
Regsister
Regsister
Regsister
Regsister
VR
Dout



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com