Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7921 Datasheet(PDF) 1 Page - Sitronix Technology Co., Ltd.

Part # ST7921
Description  96CH Segment Driver For Dot Matrix LCD
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7921 Datasheet(HTML) 1 Page - Sitronix Technology Co., Ltd.

  ST7921 Datasheet HTML 1Page - Sitronix Technology Co., Ltd. ST7921 Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST7921 Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST7921 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST7921 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST7921 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST7921 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7921 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7921 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
ST
Sitronix
ST7921
96CH Segment Driver For Dot Matrix LCD
Ver 1.6
1/11
2005/05/24
Features :
Display driving bias : static to 1/5
Power supply for logic : 2.7V ~ 5.5V
Power supply for LCD voltage (V0~VSS) :
3V ~ 7V
Dot matrix LCD driver with two 48 channel outputs
Bias voltage (V0 ~ V4)
Input/Output signals
Input : Serial display data and control pulse from controller IC
Output : 48 X 2 channels waveform for LCD driving
General Description :
ST7921 is a segment driver for dot matrix type LCD display. It features 96 channels
with 48 X 2 bits bi-directional shift registers, data latches, LCD drivers and logic
control circuits. It is fabricated by high voltage CMOS process with low current
consumption.
The ST7921 can convert serial data received from an LCD controller, such as ST7920,
into parallel data and send out LCD driving waveforms to the LCD panel. The
ST7921 is designed for general purpose LCD drivers. It can drive both static and
dynamic drive LCD. The LSI can be used as segment driver.


Similar Part No. - ST7921

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ST7920 ETC1-ST7920 Datasheet
1Mb / 47P
ST7920
logo
Sitronix Technology Co....
ST7920 SITRONIX-ST7920 Datasheet
694Kb / 49P
Chinese Fonts built in LCD controller/driver
logo
List of Unclassifed Man...
ST7920-0A ETC1-ST7920-0A Datasheet
1Mb / 47P
ST7920
ST7920-0B ETC1-ST7920-0B Datasheet
1Mb / 47P
ST7920
More results

Similar Description - ST7921

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5279 OKI-MSM5279 Datasheet
205Kb / 9P
DOT MATRIX LCD 80 DOT SEGMENT DRIVER
MSM5299B OKI-MSM5299B Datasheet
234Kb / 11P
DOT MATRIX LCD 80 DOT SEGMENT DRIVER
MSM5839B1111 OKI-MSM5839B1111 Datasheet
134Kb / 7P
DOT MATRIX LCD 40 DOT SEGMENT DRIVER
logo
Samsung semiconductor
KS0108B SAMSUNG-KS0108B Datasheet
157Kb / 17P
64CH SEGMENT DRIVER FOR DOT MATRIX LCD
S6A2067 SAMSUNG-S6A2067 Datasheet
104Kb / 10P
80 SEGMENT DRIVER FOR DOT MATRIX LCD
S6B2104 SAMSUNG-S6B2104 Datasheet
122Kb / 12P
80CH SEGMENT DRIVER FOR DOT MATRIX LCD
logo
Holtek Semiconductor In...
HT1602 HOLTEK-HT1602 Datasheet
215Kb / 6P
40 Dot Matrix LCD Segment Driver
28th Aug 98
logo
List of Unclassifed Man...
GSM793E ETC2-GSM793E Datasheet
97Kb / 10P
80CH Segment Driver For Dot Matrix LCD
logo
Sitronix Technology Co....
ST7063C SITRONIX-ST7063C Datasheet
304Kb / 12P
80CH Segment Driver for Dot Matrix LCD
logo
Hantronix,Inc
KS0108B HANTRONIX-KS0108B_15 Datasheet
157Kb / 17P
64CH SEGMENT DRIVER FOR DOT MATRIX LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com